Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1MS-GH3T-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R1MS-GH3T-R
Description  Remote I/O R1M Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1MS-GH3T-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R1MS-GH3T-R Datasheet HTML 1Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 2Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 3Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 4Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 5Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 6Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 7Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MODEL: R1MS-GH3
R1MS-GH3 SPECIFICATIONS
ES-5671 Rev.12 Page 4/8
http://www.m-system.co.jp/
COMMUNICATION CABLE CONNECTIONS
R1M
T1
T2
T3
T4
R1M
T1
T2
T3
T4
T1
T2
T3
T4
R1M
RS-232-C
RS-485
*1
*1
*1. Internal terminating resistor is used when the device is at the end of a transmission line.
*2. Install shielded cables to all sections and ground them at single point.
*2
FG
RS-485
CONNECTION DIAGRAM
RS-232-C
T3
T4
T2
T1
T7
T6
T5
Term.
Resist.
Control
Circuit
*1. When the device is located at the end of a transmission line via twisted-pair cable, (when there is
no cross-wiring), close across the terminal T2 – T3 with the attached jumper pin (or with a leadwire).
When the device is not at the end, remove the jumper pin.
*2. Separate sets of terminals for DC and TC are assigned to each channel, however, DO NOT
connect to both sets of terminals at once. Duplicate connection may affect measuring accuracies.
DC and TC can be mixed among eight channels.
Note 1: Be careful to eliminate noise as much as possible by e.g. using shielded cables.
Note 2: Be sure to earth the FG terminal and the cable shielding to a most stable earth point in the
environment.
Note 3: Resistor modules (model: REM3-250) can be used to convert current inputs into voltage.
However, use of REM3 is not recommended when TC inputs are mixed because the heat developed
on and around the REM3 affects the cold junction compensation performance.
+
+
ext. wire
ext. wire
ext. wire
ext. wire
ext. wire
ext. wire
ext. wire
ext. wire
Power
Circuit
+
Shielded Twisted-pair Cable
To Other
I/O Modules
Jumper *
1
FG
U (+)
V (–)
POWER
JACK
CONFIGURATOR
Isolated
Analog
Input 1
Isolated
Analog
Input 2
Isolated
Analog
Input 3
Isolated
Analog
Input 4
Isolated
Analog
Input 5
Isolated
Analog
Input 6
Isolated
Analog
Input 7
Isolated
Analog
Input 8
Isolated
Alarm
Output
Isolated Trigger Input
*2
+
T/C
INPUT 1
DC
20
19
22
21
24
23
26
25
28
27
30
29
32
31
34
33
36
35
2
1
4
3
6
5
8
7
10
9
12
11
14
13
16
15
18
17
+
+
+
T/C
INPUT 2
DC
+
+
+
T/C
INPUT 3
DC
+
+
+
T/C
INPUT 4
DC
+
+
+
T/C
INPUT 5
DC
+
+
+
T/C
INPUT 6
DC
+
+
+
T/C
INPUT 7
DC
+
+
+
+
T/C
INPUT 8
DC
ALARM OUTPUT
TRIGGER INPUT
Caution: FG terminal is NOT a protective conductor terminal.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com