Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1MS-GH3T-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R1MS-GH3T-R
Description  Remote I/O R1M Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1MS-GH3T-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R1MS-GH3T-R Datasheet HTML 1Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 2Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 3Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 4Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 5Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 6Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 7Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MODEL: R1MS-GH3
R1MS-GH3 SPECIFICATIONS
ES-5671 Rev.12 Page 6/8
http://www.m-system.co.jp/
■ DATA ADDRESS
ADDRESS
DATA FORMAT
NAME
Coil (0X)
1 – 32
bit
DO: Alarm (Only Address 10001 is enabled.)
33 – 40
bit
Cold junction compensation SW (0: Disable, 1: Enable) *
1
Input Status (1X)
1 – 32
bit
DI: Trigger contact input (Only Address 10001 is enabled.)
33 – 40
bit
ADC overrange
Input Register (3X)
1 – 8
I
AI per channel in engineering unit (DC: x 1000, TC: x 10)
17 – 32
F
AI per channel in engineering unit
33 – 48
F
Calibrated voltage value
49 – 64
F
Cold junction temperature *
2
65 – 72
F
Temperature measured at Ch.1 thr. 4
81 – 88
I
Channel status
513
I
Bit
System Status
0 to 5
Reserved for system use
6
E2PROM diagnostics (0: Normal, 1: Error)
7
ADC error (0: Normal, 1: Error)
8 to 15
Reserved for system use
514 – 521
B16
Model No.
522 – 529
B16
Serial No.
530 – 537
B16
Hardware version No.
538 – 545
B16
Firmware version No.
Holding Register (4X)
49 – 50
F
Input
lter time constant (seconds) *
3
145 – 152
I
I/O type No.
514
I
Burnout type (0: No burnout, 1: Upscale, 2: Downscale) *
1
515
I
Line noise ltering type (0: 50/60 Hz, 1: 50 Hz, 2: 60 Hz) *
1
bit = 1 bit, I = 16-bit integer, F = 32-bit
oating, B16 = 16-byte character
*1. Changeable only when the mode SW is set to 0 for R1MS-GH3.
*2. Thermocouple input only.
*3. Effective for large noise in the input signal. 0 sec.= No Filtering.
Sign
Address n+1
• 32-bit Floating
Address n
Exponent
Mantissa
■ INPUT DATA
■ INPUT REGISTERS DESCRIPTION
(1) ANALOG INPUT IN ENGINEERING UNIT (30017 to 30032)
Indicates analog input values in engineering unit for each channel (1 – 8). The unit is specic to each input type: °C for tempera -
ture, Volts for voltage. The data are 32-bit
oating values, which requires two consecutive registers for one module.
(2) CHANNEL STATUS (30081 to 30088)
Indicates the current status of analog inputs (1 – 8). The following list shows the names and descriptions of each bit.
BIT
NAME
DESCRIPTION
6
Input Overrange
Indicates the designated analog input is in overrange, dened as one or
more of the following condition:
• ADC input value 0x0000 or 0xFFFF
• Burnout status for thermocouple input
• Out of range dened in the temperature table (thermocouple)
• ADC error
0 : Normal
1 : Overrange
7
ADC Error
Indicates the status of ADC.
0 : Normal
1 : Error
12
Cold Junction Compensation SW
Indicates whether the cold junction compensation is enabled or disabled, for
thermocouple input.
0 : Disable
1 : Enable
Others
Reserved
For system’s use



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com