Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1MS-GH3T-R Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # R1MS-GH3T-R
Description  Remote I/O R1M Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1MS-GH3T-R Datasheet(HTML) 8 Page - M-System Co.,Ltd.

  R1MS-GH3T-R Datasheet HTML 1Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 2Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 3Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 4Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 5Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 6Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 7Page - M-System Co.,Ltd. R1MS-GH3T-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MODEL: R1MS-GH3
R1MS-GH3 SPECIFICATIONS
ES-5671 Rev.12 Page 8/8
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
1234567 8 9 10 11 12 13 14 15 16 17 18
19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 35
T1 T2 T3 T4
T5 T6 T7
163 (6.42)
36–M3 I/O TERMINALS
165 (6.50)
175 (6.89)
3–5 (.20) dia.
MTG HOLES
FOR WALL MOUNT.
6.2 (.24)
15.5 (.61)
[6 (.24)]
40 (1.57)
3 (.12)
DIN RAIL
35 mm wide
SYSTEM CONFIGURATION EXAMPLES
RS-485
TC/DC Inputs
(model: R1MS-GH3)
TC/DC Inputs
(model: R1M-GH)
Contact Outputs
(model: R1M-D1)
When the cable distance between the PC and the R1Ms is long,
insert an RS-232-C/RS-485 Converter for isolation.
Contact Inputs
(model: R1M-A1)
RS-232-C
RS-232-C/RS-485
Converter
(model: R2K-1)
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com