Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1M-DT-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R1M-DT-R
Description  Remote I/O R1M Series CONTACT OUTPUT MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1M-DT-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R1M-DT-R Datasheet HTML 1Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 2Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 3Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 4Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 5Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 6Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 7Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 8Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MODEL: R1M-D1
R1M-D1 SPECIFICATIONS
ES-5659 Rev.12 Page 5/10
https://www.m-system.co.jp/
MODBUS COMMUNICATION
■ COMMUNICATION PARAMETERS
PARAMETER
SPECIFICATION
Data Mode
RTU
Baud Rate
9600 / 19200 / 38400 (*) bps
Parity
None / Odd (*) / Even
Bit Length
8
Stop Bit
1 (*) / 2
Node Address
1 (*) to 15
Floating Point Data
N/A
Interface
RS-232-C/ RS-485
(*) Ex-factory setting
■ FUNCTION CODES & SUPPORTED CODES
CODE
NAME
01
Read Coil Status
X
Digital output from the slave
02
Read Input Status
X
Status of digital inputs to the slave
03
Read Holding Registers
X
General purpose register within the slave
04
Read Input Registers
X
Collected data from the field by the slave
05
Force Single Coil
X
Digital output from the slave
06
Preset Single Registers
X
General purpose register within the slave
07
Read Exception Status
08
Diagnostics
09
Program 484
10
Poll 484
11
Fetch Comm. Event Counter
Fetch a status word and an event counter
12
Fetch Comm. Event Log
A status word, an event counter, a message count and a field of event bytes
13
Program Controller
14
Poll Controller
15
Force Multiple Coils
X
Digital output from the slave
16
Preset Multiple Registers
X
General purpose register within the slave
17
Report Slave ID
Slave type / ‘RUN’ status
18
Program 884/M84
19
Reset Comm. Link
20
Read General Reference
21
Write General Reference
22
Mask Write 4X Register
23
Read/Write 4X Register
24
Read FIFO Queue



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com