Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1M-DT-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R1M-DT-R
Description  Remote I/O R1M Series CONTACT OUTPUT MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1M-DT-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R1M-DT-R Datasheet HTML 1Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 2Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 3Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 4Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 5Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 6Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 7Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 8Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MODEL: R1M-D1
R1M-D1 SPECIFICATIONS
ES-5659 Rev.12 Page 1/10
https://www.m-system.co.jp/
Remote I/O R1M Series
CONTACT OUTPUT MODULE
(32 points)
Functions & Features
• 32-point open collector outputs
• Easy system expansion via Modbus RTU
40
[1.57]
115
[4.53]
mm [inch]
175 [6.89]
MODEL: R1M-D1[1]-[2][3]
ORDERING INFORMATION
• Code number: R1M-D1[1]-[2][3]
Specify a code from below for each of [1] through [3].
(e.g. R1M-D1T-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] FIELD TERMINAL TYPE
T: M3 screw terminals
C1: FCN type connector (No CE conformance)
[2] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Connector terminal block (model: CNT)
• Special cable (model: FCN32)
• R1X configurator software (model: R1CON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
Power input, transmission: Euro type connector terminal
(Applicable wire size: 0.2 – 2.5 mm2 (AWG24 – 12), stripped
length 7 mm)
RS-232-C: 9-pin D-sub connector (male)
(Lock screw No. 4-40 UNC)
Input: M3 screw terminals (torque: 0.6N·m)
or FCN type connector (Fujitsu FCN-365P040-AU)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (gray)
Isolation: RS-232-C or RS-485 to output to power
Node address setting: Rotary switch; 1 – F (15 nodes)
RUN indicator LED: Green light blinks in normal conditions.
COMMUNICATION
Baud rate: 38.4 kbps
Communication: Half-duplex, asynchronous, no procedure
Protocol: Modbus RTU
Refer to Modbus Protocol Reference Guide (EM-5650) for
supported functions.
■ RS-232-C
Standard: Conforms to RS-232-C, EIA
Transmission distance: 10 meters max.
■ RS-485
Standard: Conforms to TIA/EIA-485-A
Transmission distance: 500 meters max.
Transmission media: Shielded twisted-pair cable (CPEV-S
0.9 dia.)
OUTPUT SPECIFICATIONS
Output: Open collector, 32 points
Commons: All negatives
Sampling rate: 50 msec.
Rating: 24 V DC @ 50 mA (resistive load)
Saturation voltage: 1.6 V DC
For use with inductive loads, external protection of contact
and noise quenching is recommended.


Similar Part No. - R1M-DT-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1M-1812D/SMD RECOM-R1M-1812D/SMD Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
R1M-1812S/SMD RECOM-R1M-1812S/SMD Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
R1M-1815D/SMD RECOM-R1M-1815D/SMD Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
R1M-1815S/SMD RECOM-R1M-1815S/SMD Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
R1M-1824D/SMD RECOM-R1M-1824D/SMD Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
More results

Similar Description - R1M-DT-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R30YN16C MSYSTEM-R30YN16C Datasheet
174Kb / 5P
Remote I/O R30 Series DISCRETE OUTPUT MODULE
R1M-GH MSYSTEM-R1M-GH Datasheet
305Kb / 9P
Remote I/O R1M Series THERMOCOUPLE & DC INPUT MODULE
R1M-J3 MSYSTEM-R1M-J3 Datasheet
303Kb / 9P
Remote I/O R1M Series RTD & POTENTIOMETER INPUT MODULE
R1M-P4 MSYSTEM-R1M-P4 Datasheet
263Kb / 7P
Remote I/O R1M Series CONTACT I/O MODULE
R1M-SGH MSYSTEM-R1M-SGH Datasheet
305Kb / 8P
Remote I/O R1M Series
R1M-A1 MSYSTEM-R1M-A1 Datasheet
337Kb / 10P
Remote I/O R1M Series
R3-DC8 MSYSTEM-R3-DC8 Datasheet
134Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16C MSYSTEM-R3-DC16C Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-SDC8 MSYSTEM-R3-SDC8 Datasheet
149Kb / 5P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R8-PC4A MSYSTEM-R8-PC4A Datasheet
216Kb / 5P
Remote I/O R8 Series PULSE OUTPUT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com