Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1M-DT-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R1M-DT-R
Description  Remote I/O R1M Series CONTACT OUTPUT MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1M-DT-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R1M-DT-R Datasheet HTML 1Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 2Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 3Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 4Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 5Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 6Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 7Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 8Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MODEL: R1M-D1
R1M-D1 SPECIFICATIONS
ES-5659 Rev.12 Page 2/10
https://www.m-system.co.jp/
INSTALLATION
Power consumption
•AC: Approx. 10 VA
•DC: Approx. 7 W
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
PERFORMANCE
Multi-transmission time: 5 msec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (RS-232-C or RS-
485 to output to power to FG)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1, EN 61010-2-201
Measurement Category II (output)
Pollution Degree 2
RS-232-C/RS-485 or output to power:
Reinforced insulation (300 V)
RS-232-C/RS-485 to output: Basic insulation (300 V)
RoHS Directive



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com