Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1C-GH2T-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R1C-GH2T-R
Description  Remote I/O R1X Series THERMOCOUPLE & DC INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1C-GH2T-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R1C-GH2T-R Datasheet HTML 1Page - M-System Co.,Ltd. R1C-GH2T-R Datasheet HTML 2Page - M-System Co.,Ltd. R1C-GH2T-R Datasheet HTML 3Page - M-System Co.,Ltd. R1C-GH2T-R Datasheet HTML 4Page - M-System Co.,Ltd. R1C-GH2T-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: R1C-GH
R1C-GH SPECIFICATIONS
ES-5956 Rev.12 Page 3/5
http://www.m-system.co.jp/
EXTERNAL VIEW
T6
T7
T8
DB
DA
DG FG SLD
A
F G
B
C
D
E
NAME
FUNCTIONS
A
Power terminal block
For power input
B
Network terminal block
For wiring to CC-Link
SETTING
BAUD RATE
C
Baud rate setting
0
156 kbps (factory default)
1
625 kbps
2
2.5 Mbps
3
5 Mbps
4
10 Mbps
Other than 0 – 4
Not valid; L ERR. turns on as a transmission error.
D
Station No. setting
V. 1.10: Selectable within 1 – 61. (factory set to: 00)
V. 2.00: Selectable within 1 – 64. (factory set to: 00)
ID (color)
FUNCTIONS
E
Status indicator LED
L RUN (red)
ON:
Normal communication
Transmission data error
blinking:
blinking:
ON:
Transmission data error
OFF:
Communication down (time-out error)
L ERR. (red)
Transmission data error
OFF:
Normal transmission
SD (red)
ON when transmitting
RD (red)
ON when receiving
ID (color)
FUNCTIONS
F
Power LED
PWR (green)
ON:
Abnormality
blinking, high speed: CC-Link Ver. 1.10
blinking, low speed: CC-Link Ver. 2.00
Master Version 2.00 with long ON time
Master Version 1.10 with long OFF time
G
Congurator jack
2.5 dia. miniature jack; RS-232-C level



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com