Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1C-GH2T-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R1C-GH2T-R
Description  Remote I/O R1X Series THERMOCOUPLE & DC INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1C-GH2T-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R1C-GH2T-R Datasheet HTML 1Page - M-System Co.,Ltd. R1C-GH2T-R Datasheet HTML 2Page - M-System Co.,Ltd. R1C-GH2T-R Datasheet HTML 3Page - M-System Co.,Ltd. R1C-GH2T-R Datasheet HTML 4Page - M-System Co.,Ltd. R1C-GH2T-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R1C-GH
R1C-GH SPECIFICATIONS
ES-5956 Rev.12 Page 2/5
http://www.m-system.co.jp/
•Measuring range ±0.8 V, ±0.2 V, ±50 mV, ±10m V: Atten.
SW OFF (1)
Input resistance: 300 kΩ
Thermocouple types: PR, K, E, J, T, B, R, S, C, N, U, L, P
Sampling rate: 150 millisec./16 points
■ A/D conversion output: 16-bit signed binary (negative
range represented by 2’s complements)
Engineering unit value is converted into A/D conversion
data as shown below.
Input type & range: A/D data (decimal)
±20 V: ±20000
±5 V: ±5000
±1 V: ±10000
±0.8 V: ±8000
±0.2 V: ±20000
±50 mV: ±5000
±10 mV: ±10000
Thermocouples: Temperature × 10
In order to change input type and range after shipment, the
R1X configurator software (model: R1CON) is required.
CC-Link version selector input:
Ver. 1.10 with OFF at the startup.
Ver. 2.00 with ON at the startup.
Dry contact input (ON at detect. level ≤ 1.5 V)
Sensing: approx. 5 V DC, 1 mA
Valid only at the moment of the power supplied to the
module. Firmware version 0B.00 or higher required.
Confirm the firmware version using the R1X configurator
software (model: R1CON) or consult M-System.
■ A/D CONVERSION DATA
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
RWr n+0
SIGN
BIT
INPUT 1 A/D CONVERSION DATA
RWr n+1
SIGN
BIT
INPUT 2 A/D CONVERSION DATA
RWr n+2
SIGN
BIT
INPUT 3 A/D CONVERSION DATA
RWr n+3
SIGN
BIT
INPUT 4 A/D CONVERSION DATA
RWr n+7
SIGN
BIT
INPUT 8 A/D CONVERSION DATA
RWr n+11
SIGN
BIT
INPUT 12 A/D CONVERSION DATA
RWr n+15
SIGN
BIT
INPUT 16 A/D CONVERSION DATA
INSTALLATION
Power consumption
•AC: Approx. 10 VA
•DC: Approx. 7 W
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
PERFORMANCE (% of measuring range)
Accuracy
DC input: ±0.3 %
Thermocouple input: See the table on the end of this
section.
Cold junction compensation error: ±3°C or ±5.4°F max.
(at 20°C ±10°C or 68°F ±18°F)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
±0.05 %/°C (±0.03 %/°F) for 10 mV range and T/C B (RH)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (input to CC-Link
[FG] to power to ground [FG1])
Thermocouple Accuracy
T/C
USABLE RANGE
(°C)
ACCURACY
(%)
CONFORMANCE
RANGE (°C)
(PR)
K (CA)
E (CRC)
0
-270
-270
to
to
to
1770
+1370
+1000
±0.5
±0.3
±0.7
400
0
0
to
to
to
1770
1370
1000
J (IC)
T (CC)
B (RH)
-210
-270
100
to
to
to
+1200
+400
1820
±0.7
±1.0
±0.7
0
0
700
to
to
to
1200
400
1820
R
S
C (WRe 5-26)
-50
-50
0
to
to
to
+1760
+1760
2320
±0.7
±0.7
±0.7
400
400
0
to
to
to
1760
1760
2320
N
U
L
P (Platinel II)
-270
-200
-200
0
to
to
to
to
+1300
+600
+900
1395
±0.5
±0.5
±0.3
±0.5
0
0
0
0
to
to
to
to
1300
600
900
1395
T/C
USABLE RANGE
(°F)
ACCURACY
(%)
CONFORMANCE
RANGE (°F)
(PR)
K (CA)
E (CRC)
32
-454
-454
to
to
to
3218
+2498
+1832
±0.5
±0.3
±0.7
752
32
32
to
to
to
3218
2498
1832
J (IC)
T (CC)
B (RH)
-346
-454
212
to
to
to
+2192
+752
3308
±0.7
±1.0
±0.7
32
32
1292
to
to
to
2192
752
3308
R
S
C (WRe 5-26)
-58
-58
32
to
to
to
+3200
+3200
4208
±0.7
±0.7
±0.7
752
752
32
to
to
to
3200
3200
4208
N
U
L
P (Platinel II)
-454
-328
-328
32
to
to
to
to
+2372
+1112
+1652
1395
±0.5
±0.5
±0.3
±0.5
32
32
32
32
to
to
to
to
2372
1112
1652
1395
Note: CJC error is not included.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com