Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1C-GH2T-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R1C-GH2T-R
Description  Remote I/O R1X Series THERMOCOUPLE & DC INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1C-GH2T-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R1C-GH2T-R Datasheet HTML 1Page - M-System Co.,Ltd. R1C-GH2T-R Datasheet HTML 2Page - M-System Co.,Ltd. R1C-GH2T-R Datasheet HTML 3Page - M-System Co.,Ltd. R1C-GH2T-R Datasheet HTML 4Page - M-System Co.,Ltd. R1C-GH2T-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R1C-GH
R1C-GH SPECIFICATIONS
ES-5956 Rev.12 Page 1/5
http://www.m-system.co.jp/
Remote I/O R1X Series
THERMOCOUPLE & DC INPUT MODULE
(16 points; CC-Link Ver.1.10/Ver.2.00)
Functions & Features
• 16-point thermocouple or DC inputs
• CC-Link interface
• CC-Link Version 1.10 and 2.00 can be switched at the
startup
40
(1.57)
115
(4.53)
mm (inch)
175 (6.89)
MODEL: R1C-GH2T-[1][2]
ORDERING INFORMATION
• Code number: R1C-GH2T-[1][2]
Specify a code from below for each [1] and [2].
(e.g. R1C-GH2T-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01)
• Use Ordering Information Sheet (No. ESU-5956). Default
setting will be used if not otherwise specified.
Factory default setting
Input type: DC Voltage ±5 V
Burnout protection: No burnout
Cold junction compensation: No
FIELD TERMINAL TYPE
T: M3 screw terminals
[1] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Resistor module (model: REM3-250)
• R1X configurator software (model: R1CON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
PACKAGE INCLUDES...
• Terminating resistor (110 Ω, 0.5 W)
GENERAL SPECIFICATIONS
Connection
Power input, CC-Link: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2 (AWG24 to 12),
stripped length 7 mm)
Input: M3 screw terminals (torque 0.6 N·m)
Configurator: 2.5 dia. miniature jack; RS-232-C level
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (gray)
Isolation: Input to CC-Link (FG) to power
PWR indicator: Green LED blinks in normal conditions.
CC-Link COMMUNICATION
Protocol: CC-Link V1.10 / V 2.00
Cable for comm. link: Specified by Mitsubishi Electric
Required nodes
V. 1.10: 4
V. 2.00: 1 (cyclic expansion: 4)
Station No. setting: Rotary switch
V. 1.10: Rotary switch; 1 – 61
V. 2.00: Rotary switch; 1 – 64
Baud rate setting: Rotary switch
L RUN indicator: Red LED turns on in normal conditions.
L ERR. indicator: Red LED turns on or blinks in an
abnormality.
SD indicator: Red LED turns on when transmitting.
RD indicator: Red LED turns on when receiving.
INPUT SPECIFICATIONS
■ Thermocouple or DC input, 16 points
(Common negative for DC input)
•Measuring range ±20 V, ±5 V, ±1 V: Atten. SW ON (3)


Similar Description - R1C-GH2T-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6D-TS2A MSYSTEM-R6D-TS2A Datasheet
123Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6D-TS2 MSYSTEM-R6D-TS2 Datasheet
125Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6N-TS2A MSYSTEM-R6N-TS2A Datasheet
136Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R1M-GH MSYSTEM-R1M-GH Datasheet
305Kb / 9P
Remote I/O R1M Series THERMOCOUPLE & DC INPUT MODULE
R1D-GH2 MSYSTEM-R1D-GH2 Datasheet
165Kb / 5P
Remote I/O R1X Series THERMOCOUPLE & DC INPUT MODULE
R3-TS8A MSYSTEM-R3-TS8A Datasheet
145Kb / 5P
Remote I/O R3 Series THERMOCOUPLE INPUT MODULE
R3-TS8 MSYSTEM-R3-TS8 Datasheet
141Kb / 5P
Remote I/O R3 Series THERMOCOUPLE INPUT MODULE
R6S-TS2A MSYSTEM-R6S-TS2A Datasheet
146Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R6N-TS2A. MSYSTEM-R6N-TS2A. Datasheet
136Kb / 3P
Remote I/O R6 Series THERMOCOUPLE INPUT MODULE
R8-TS2 MSYSTEM-R8-TS2 Datasheet
219Kb / 4P
Remote I/O R8 Series THERMOCOUPLE INPUT MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com