Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-DC64CS Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3-DC64CS
Description  Remote I/O R3 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-DC64CS Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3-DC64CS Datasheet HTML 1Page - M-System Co.,Ltd. R3-DC64CS Datasheet HTML 2Page - M-System Co.,Ltd. R3-DC64CS Datasheet HTML 3Page - M-System Co.,Ltd. R3-DC64CS Datasheet HTML 4Page - M-System Co.,Ltd. R3-DC64CS Datasheet HTML 5Page - M-System Co.,Ltd. R3-DC64CS Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: R3-DC64C
R3-DC64C SPECIFICATIONS
ES-8349 Rev.5 Page 3/6
https://www.m-system.co.jp/
EXTERNAL VIEW
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
SW3
ON
4
3
2
1
A
1
B
1
A
20
B
20
B
A
CN1
CN2
2
1
RUN LED
ERR LED
Output Status Indicator LEDs
■ FRONT VIEW
■ SIDE VIEW
Group Selector*
Output Connector
• Connector Pin
Assignment
Output
Hold
*Status Indicator LEDs show output status by 16-point group specified with Group Selector.
Group Selector position 1 means CN1, while 2 means CN2.
Group Selector position A means Side A pins, while B means Side B pins.
EXTERNAL DIMENSIONS unit: mm [inch]
27.5 [1.08]
109 [4.29]
POSITIONING
GUIDE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com