Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-DC64CS Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R3-DC64CS
Description  Remote I/O R3 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-DC64CS Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R3-DC64CS Datasheet HTML 1Page - M-System Co.,Ltd. R3-DC64CS Datasheet HTML 2Page - M-System Co.,Ltd. R3-DC64CS Datasheet HTML 3Page - M-System Co.,Ltd. R3-DC64CS Datasheet HTML 4Page - M-System Co.,Ltd. R3-DC64CS Datasheet HTML 5Page - M-System Co.,Ltd. R3-DC64CS Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: R3-DC64C
R3-DC64C SPECIFICATIONS
ES-8349 Rev.5 Page 5/6
https://www.m-system.co.jp/
Control
Circuit
3A
1A
4A
2A
5A
6A
7A
8A
10A
Do 51
Do 52
COM5
24V DC5
Do 53
Do 54
Do 55
Do 56
Do 57
Do 58
9A
20A
13A
14A
12A
15A
16A
17A
18A
19A
3B
1B
4B
2B
5B
6B
7B
8B
10B
9B
13B
11B
14B
12B
15B
16B
17B
18B
20B
19B
24V DC
L
L
L
L
L
L
L
L
11A Do 61
Do 62
COM6
24V DC6
Do 63
Do 64
Do 65
Do 66
Do 67
Do 68
24V DC
L
L
L
L
L
L
L
L
Do 71
Do 72
COM7
24V DC7
Do 73
Do 74
Do 75
Do 76
Do 77
Do 78
24V DC
L
L
L
L
L
L
L
L
Do 81
Do 82
COM8
24V DC8
Do 83
Do 84
Do 85
Do 86
Do 87
Do 88
24V DC
L
L
L
L
L
L
L
L
5(2A)
1(2A)
2(2A)
3(2A)
4(2A)
6(2A)
8(2A)
7(2A)
9(2A)
10(2A)
11(2A)
12(2A)
14(2A)
13(2A)
16(2A)
15(2A)
5(2B)
1(2B)
2(2B)
3(2B)
4(2B)
6(2B)
8(2B)
7(2B)
9(2B)
10(2B)
11(2B)
12(2B)
14(2B)
13(2B)
16(2B)
15(2B)
Output Circuit
Output Circuit
Output Circuit
Output Circuit
Numbers in italic indicate LED No.s assigned to the front panel LEDs.
Indicator groups 1A, 1B, 2A or 2B selected with the front switches.
*For dual redundant communication.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com