Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-DC64CS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-DC64CS
Description  Remote I/O R3 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-DC64CS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-DC64CS Datasheet HTML 1Page - M-System Co.,Ltd. R3-DC64CS Datasheet HTML 2Page - M-System Co.,Ltd. R3-DC64CS Datasheet HTML 3Page - M-System Co.,Ltd. R3-DC64CS Datasheet HTML 4Page - M-System Co.,Ltd. R3-DC64CS Datasheet HTML 5Page - M-System Co.,Ltd. R3-DC64CS Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: R3-DC64C
R3-DC64C SPECIFICATIONS
ES-8349 Rev.5 Page 1/6
https://www.m-system.co.jp/
Remote I/O R3 Series
DISCRETE OUTPUT MODULE
(PNP transistor output, 64 points, shortcircuit protection)
27.5 [1.08]
130
[5.12]
109
[4.29]
mm [inch]
MODEL: R3–DC64C[1][2]
ORDERING INFORMATION
• Code number: R3-DC64C[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-DC64CW/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF CHANNELS
64: 64
OUTPUT
C: PNP transistor
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Connector terminal block (model: CNT)
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Output: 40-pin connector (Fujitsu FCN-365P040-AU)
Internal power: Via the Installation Base (model: R3-BSx)
Isolation: Do11 thru Do18 to Do21 thru Do28 to Do31 thru
Do38 to Do41 thru Do48 to Do51 thru Do58 to Do61 thru
Do68 to Do71 thru Do78 to Do81 thru Do88 to internal bus
or internal power
Output hold setting: Setting for communication error with
side DIP SW
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Green LED turns on in normal operating
conditions.
Output status indicator: Red LED; turns on with the output
ON.
Group selector: Switches the output status indicator
CN1:
A. 1 - 8: Do11 - Do18, 9 - 16: Do21 - Do28
B. 1 - 8: Do31 - Do38, 9 - 16: Do41 - Do48
CN2:
A. 1 - 8: Do51 - Do58, 9 - 16: Do61 - Do68
B. 1 - 8: Do71 - Do78, 9 - 16: Do81 - Do88
OUTPUT SPECIFICATIONS
Output: Open collector, 64 points
Isolation: Optical isolator
Rated load voltage
Nominal: 19.2 to 30 V DC
Absolute: 45 V DC
Rated load current: 0.25 A per point, 1.0 A per common
Voltage drop at ON: ≤ 2.0 V
Leakage current at OFF: ≤ 0.3 mA
(24 V DC load, all points OFF)
ON delay: ≤ 1.0 msec.
OFF delay: ≤ 3.5 msec.
Shortcircuit protection: Works for 0.7 A or more;
automatically resets after recovery
(When driving an inductive load, connect a diode in parallel
with the load.)


Similar Part No. - R3-DC64CS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-DC64A MSYSTEM-R3-DC64A Datasheet
148Kb / 6P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC64AS MSYSTEM-R3-DC64AS Datasheet
148Kb / 6P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC64AS/CE MSYSTEM-R3-DC64AS/CE Datasheet
148Kb / 6P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC64AS/Q MSYSTEM-R3-DC64AS/Q Datasheet
148Kb / 6P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC64AW MSYSTEM-R3-DC64AW Datasheet
148Kb / 6P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
More results

Similar Description - R3-DC64CS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-BS MSYSTEM-R3-BS Datasheet
161Kb / 5P
Remote I/O R3 Series INSTALLATION BASE
R3-DC32A MSYSTEM-R3-DC32A Datasheet
126Kb / 5P
Remote I/O R3 Series
R3-DC16C MSYSTEM-R3-DC16C Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-MS8 MSYSTEM-R3-MS8 Datasheet
140Kb / 5P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-SRR8 MSYSTEM-R3-SRR8 Datasheet
162Kb / 5P
Remote I/O R3 Series
R3-PS1 MSYSTEM-R3-PS1 Datasheet
100Kb / 3P
Remote I/O R3 Series POWER SUPPLY MODULE
R3Y-DAC16D MSYSTEM-R3Y-DAC16D Datasheet
181Kb / 8P
Remote I/O R3 Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com