Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-GD1S/CE Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-GD1S/CE
Description  Remote I/O R3 Series DeviceNet INTERFACE MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-GD1S/CE Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-GD1S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-GD1S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-GD1S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-GD1S/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-GD1S/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R3-GD1
R3-GD1 SPECIFICATIONS
ES-8465 Rev.7 Page 4/5
https://www.m-system.co.jp/
I/O DATA DESCRIPTIONS
■ ANALOG DATA
16-bit binary data.
0
15
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
1
2
3
4
5
6
27.5 [1.08]
109 [4.29]
POSITIONING
GUIDE
TERMINAL
COVER
6–M3
SCREW
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
2
3
6
1
5
4
V+
CAN_H
Drain
CAN_L
V–
RUN
+
RUN
–
CONFIGURATION JACK
INTERNAL POWER
INTERNAL BUS
RUN CONTACT OUTPUT
JACK
Isolation
Control
Circuit
LED
DIP SW
Communication
Circuit
To Other
DeviceNet Devices



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com