Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-GD1S/CE Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-GD1S/CE
Description  Remote I/O R3 Series DeviceNet INTERFACE MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-GD1S/CE Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-GD1S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-GD1S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-GD1S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-GD1S/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-GD1S/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R3-GD1
R3-GD1 SPECIFICATIONS
ES-8465 Rev.7 Page 2/5
https://www.m-system.co.jp/
DeviceNet COMMUNICATION
Transmission cable: Approved for DeviceNet
Node address setting: DIP switch; 00 – 63
Baud rate: 125 kbps, 250 kbps, 500 kbps DIP switch
NS (Network Status) indicator: Bi-color (green/red) LED
indicates status of the communication link.
MS (Module Status) indicator: Bi-color (green/red) LED
indicates device status.
Required data words: 64 words for input data 64 words for
output data
INSTALLATION
Supply voltage to network: 11 – 25 V DC supplied through
the network terminal block
Supply current to network: 50 mA max.
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Data allocation: 16 × n (Module allocation: 1 to 4)
Current consumption: 80 mA
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(DeviceNet to internal bus or internal power to RUN contact
output)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EXTERNAL VIEW
ON
1
2
3
4
5
6
7
8
6
5
4
3
2
1
ON
NA0
NA1
NA2
NA3
NA4
NA5
DR0
DR1
SW1
8
7
6
5
4
3
2
1
Baud Rate
■ FRONT VIEW
■ SIDE VIEW
Module
Allocation
MS LED
NS LED
Configuration Jack
Node Address
Functions
Euro Type
Connector Terminal



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com