Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-GD1S/CE Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-GD1S/CE
Description  Remote I/O R3 Series DeviceNet INTERFACE MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-GD1S/CE Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-GD1S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-GD1S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-GD1S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-GD1S/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-GD1S/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R3-GD1
R3-GD1 SPECIFICATIONS
ES-8465 Rev.7 Page 1/5
https://www.m-system.co.jp/
Remote I/O R3 Series
DeviceNet INTERFACE MODULE
(for 64-point analog signals)
Functions & Features
• Enables other protocol interface modules to communicate
with DeviceNet data (gateway).
• Recognized as an analog I/O mixed module by other
protocol interface modules.
• Used as DeviceNet slave device like R3-NDx.
Typical Applications
• A gateway for DeviceNet and Modbus/TCP.
109
[4.29]
27.5 [1.08]
130
[5.12]
mm [inch]
MODEL: R3-GD1S[1]
ORDERING INFORMATION
• Code number: R3-GD1S[1]
Specify a code from below for [1].
(e.g. R3-GD1S/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01)
COMMUNICATION MODE
S: Single
[1] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
CAUTION
• When selecting network modules, note that this unit is not
designed to be used with network modules of certain types
or versions.
• This unit CANNOT be used with R3-NC2, R3-NEIP1, R3-NFx,
and R3-NLx.
• This unit CAN be used with:
R3-NM3 and R3-NML3 of firmware version V1.00 or higher;
R3-NC1, R3-NC3, R3-NDx, R3-NE1, R3-NFL1, R3-NM1,
R3-NM4, and R3-NP1 of firmware version V2.00 or higher;
and
other models of any firmware versions.
RELATED PRODUCTS
• EDS file
(downloadable at M-System’s web site.)
GENERAL SPECIFICATIONS
Connection
Network: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2, stripped length 7
mm)
Internal bus: Via the Installation Base
(model: R3-BSx)
Internal Power: Via the Installation Base
(model: R3-BSx)
RUN contact output: M3 separable screw terminal
(torque 0.5 N·m)
Screw terminal: Nickel-plated steel
Isolation: DeviceNet to internal bus or internal power to RUN
contact output
Module allocation: Set with the side DIP switch.
■ RUN CONTACT OUTPUT
RUN contact: Turns on when both MS and NS LEDs are
green (Both the DeviceNet and fieldbus on the other R3
interface module are in normal communication.)
Rated load: 250 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
(Less than 50 V AC to conform with EU Directive)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA or 150 W
Minimum load: 1 V DC @ 1 mA
Mechanical life: 2 × 107 cycles (300 cycles/min.)
When driving an inductive load, external contact protection
and noise quenching recommended.


Similar Part No. - R3-GD1S/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-GC1 MSYSTEM-R3-GC1 Datasheet
164Kb / 6P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R3-GC1S/CE MSYSTEM-R3-GC1S/CE Datasheet
164Kb / 6P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R3-GC1S/Q MSYSTEM-R3-GC1S/Q Datasheet
164Kb / 6P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-GE1S MSYSTEM-R3-GE1S Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
More results

Similar Description - R3-GD1S/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-GM1 MSYSTEM-R3-GM1 Datasheet
204Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NMW1F MSYSTEM-R3-NMW1F Datasheet
570Kb / 12P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM1 MSYSTEM-R3-NM1 Datasheet
221Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NL2 MSYSTEM-R3-NL2 Datasheet
187Kb / 6P
Remote I/O R3 Series LonWorks INTERFACE MODULE
R3-NL1 MSYSTEM-R3-NL1 Datasheet
152Kb / 5P
Remote I/O R3 Series LonWorks INTERFACE MODULE
R3-ND3 MSYSTEM-R3-ND3 Datasheet
173Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-ND2 MSYSTEM-R3-ND2 Datasheet
173Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-ND1 MSYSTEM-R3-ND1 Datasheet
171Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
Remote I/O R3 Series INTERFACE I/O MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com