Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NL2-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R3-NL2-R
Description  Remote I/O R3 Series LonWorks INTERFACE MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NL2-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R3-NL2-R Datasheet HTML 1Page - M-System Co.,Ltd. R3-NL2-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-NL2-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-NL2-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NL2-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-NL2-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MODEL: R3-NL2
R3-NL2 SPECIFICATIONS
ES-8428 Rev.10 Page 6/6
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
1
2
3
4
5
6
1
2
3
4
5
27.5 (1.08)
109 (4.29)
POSITIONING
GUIDE
TERMINAL
COVER
6–M3
SCREW
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Caution: FG terminal is NOT a protective conductor terminal.
INTERNAL POWER
INTERNAL BUS
DIP SW
RUN/ERR LED
SERVICE SW
RESET SW
ONLINE/SERVICE LED
LONWORKS
CONFIGURATION JACK
Control
Circuit
Communication
Circuit
JACK
*Not provided with ‘No Power Supply’ type module.
1
1
2
3
4
5
4
RUN
+
RUN
–
RUN CONTACT OUTPUT
2
3
6
U (+)
V (–)
FG
POWER INPUT
5
*
*
*
Neuron
Chip
FT3120
Transceiver
FT-X1
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com