Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NL2-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-NL2-R
Description  Remote I/O R3 Series LonWorks INTERFACE MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NL2-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-NL2-R Datasheet HTML 1Page - M-System Co.,Ltd. R3-NL2-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-NL2-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-NL2-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NL2-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-NL2-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: R3-NL2
R3-NL2 SPECIFICATIONS
ES-8428 Rev.10 Page 2/6
http://www.m-system.co.jp/
Blinking in approx. 0.5 Hz: On-line
(ready to communicate network variables)
Blinking in approx. 5 Hz for 12 sec.:
Wink message received
SERVICE indicator: Green LED
OFF: Normal operations
Blinking in approx. 0.5 Hz: No network information
ON: Internal program error
SERVICE switch: Used to identify the node in LonWorks
network configuration
RESET switch: Resetting the Neuron Chip
Analog I/O
Input
Output
Network Variable Type
56
0
SNVT_lev_percent
0
56
SNVT_lev_percent
32
24
Temperature Input (°C input module use)
Input
Output
Network Variable Type
56
0
SNVT_temp
56
0
SNVT_temp_p
Discrete I/O (
Usable with the R3-DA16x and the R3-DC16x)
Input
Output
Network Variable Type
56
0
SNVT_switch
0
56
SNVT_switch
32
24
SNVT_switch
Totalized Pulse I/O (Usable as analog I/O)
Input
Output
Network Variable Type
56
0
SNVT_count
0
56
SNVT_count
32
24
SNVT_count
Totalized Pulse Input, Discrete I/O (Totalized pulse usable as
analog input) (Usable with the R3-DA16x and the R3-DC16x)
Totalized Pulse
Discrete
Network Variable Type
Input
Input Output
16
16
16
SNVT_count
SNVT_switch
SNVT_lev_percent (factory default)
Possible I/O combinations
INSTALLATION
Power consumption
•AC: Approx. 20 VA
•DC: Approx. 12 W
Current consumption (no power supply): 100 mA
Output current (power supply): 250 mA continuous at 20 V
DC; 400 mA for 10 minutes
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (LonWorks or
internal bus or internal power to power input to RUN contact
output to FG)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com