Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NL2-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-NL2-R
Description  Remote I/O R3 Series LonWorks INTERFACE MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NL2-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-NL2-R Datasheet HTML 1Page - M-System Co.,Ltd. R3-NL2-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-NL2-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-NL2-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NL2-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-NL2-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: R3-NL2
R3-NL2 SPECIFICATIONS
ES-8428 Rev.10 Page 1/6
http://www.m-system.co.jp/
Remote I/O R3 Series
LonWorks INTERFACE MODULE
(I/O 56 points)
109
(4.29)
27.5 (1.08)
130
(5.12)
mm (inch)
MODEL: R3–NL2–[1][2]
ORDERING INFORMATION
• Code number: R3-NL2-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-NL2-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] POWER INPUT
N: No power supply
AC Power
K3: 100 – 120 V AC
(Operational voltage range 85 - 132 V, 47 - 66 Hz) *
L3: 200 – 240 V AC
(Operational voltage range 170 - 264 V, 47 - 66 Hz) *
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.) *
* Not selectable for use with independent power modules.
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• XIF File (Device Interface File)
XIF file is used to define a LonWorks device when
programmed on LonMaker.
GENERAL SPECIFICATIONS
Connection
LonWorks: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2, stripped length 7 mm)
Internal bus: Via the Installation Base
(model: R3-BSx)
Internal power: Via the Installation Base (model: R3-BSx)
Power input, RUN contact output: M3 separable screw
terminal (torque 0.5 N·m)
Screw terminal: Nickel-plated steel
Isolation: LonWorks to internal bus or internal power to
power input to RUN contact output to FG
Input error data setting: Input value setting at input module
error with side DIP SW
Data allocation setting: Set with the side DIP switch
RUN indicator: Bi-color (green/red) LED; Green ON in
communications with another device online or changing the
output data
(turns off after 25 seconds of no communication)
ERR indicator: Bi-color (green/red) LED; Green ON in normal
status; Green blinks when
the APB file is not adequately imported;
Green/Orange turn ON in turn in an abnormality.
■ RUN CONTACT OUTPUT
RUN contact: Turns on while the green RUN LED is ON
(LonWorks in normal communication)
Rated load: 250 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA or 150 W
Minimum load: 1 V DC @ 1 mA
Mechanical life: 2 × 107 cycles (rate 300 cycles/min.) When
driving an inductive load, external contact protection and
noise quenching recommended.
LonWorks COMMUNICATION
Neuron Chip: FT3120 (NeuronID printed in numbers and bar
code [peel-off code 39 format])
Transceiver: FT-X1 (equivalent to FTT10A)
Transmission speed: 78 kbps
Twisted-pair cable
Distance, free topology: 500 meters
Max. 64 nodes/channel
LNS: Ver. 3.0 Service Pack 8 or higher
ONLINE indicator: Red LED
ON: Off-line or no network information (decommissioned)


Similar Part No. - R3-NL2-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-NL1 MSYSTEM-R3-NL1 Datasheet
152Kb / 5P
Remote I/O R3 Series LonWorks INTERFACE MODULE
R3-NL1-K3 MSYSTEM-R3-NL1-K3 Datasheet
152Kb / 5P
Remote I/O R3 Series LonWorks INTERFACE MODULE
R3-NL1-K3/Q MSYSTEM-R3-NL1-K3/Q Datasheet
152Kb / 5P
Remote I/O R3 Series LonWorks INTERFACE MODULE
R3-NL1-L3 MSYSTEM-R3-NL1-L3 Datasheet
152Kb / 5P
Remote I/O R3 Series LonWorks INTERFACE MODULE
R3-NL1-L3/Q MSYSTEM-R3-NL1-L3/Q Datasheet
152Kb / 5P
Remote I/O R3 Series LonWorks INTERFACE MODULE
More results

Similar Description - R3-NL2-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-GM1 MSYSTEM-R3-GM1 Datasheet
204Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NMW1F MSYSTEM-R3-NMW1F Datasheet
570Kb / 12P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM3 MSYSTEM-R3-NM3 Datasheet
221Kb / 7P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM1 MSYSTEM-R3-NM1 Datasheet
221Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NL1 MSYSTEM-R3-NL1 Datasheet
152Kb / 5P
Remote I/O R3 Series LonWorks INTERFACE MODULE
R3-ND3 MSYSTEM-R3-ND3 Datasheet
173Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-ND1 MSYSTEM-R3-ND1 Datasheet
171Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
Remote I/O R3 Series INTERFACE I/O MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com