Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NC3-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-NC3-R
Description  Remote I/O R3 Series CC-Link INTERFACE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NC3-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-NC3-R Datasheet HTML 1Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 6Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 7Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MODEL: R3-NC3
R3-NC3 SPECIFICATIONS
ES-8422 Rev.20 Page 4/8
https://www.m-system.co.jp/
• Module Status
RX(n+0)0 through RX(n+0)F indicate whether individual I/O modules are mounted or not. The bit corresponding to the mounted
slot turns to “1,” and the unmounted slot to “0.”
• Error Status
RX(n+1)0 through RX(n+1)F indicate error status for each module as described below. The bit corresponding to such module
turns to “1.”
R3-TSx, -RSx, -US4:
Input burnout
R3-DA16A:
Power input in error or disconnected
R3-YSx:
Output current error (e.g. load unconnected)
• Data Error Status
RX(n+2)0 through RX(n+2)F indicate overrange (R3-US4: out of -10% to +110%; the other types: out of -15% to +115%) status
for each module. The bit corresponding to such module turns to “1.”
• RX(n+3) through RX(n+m*7–2) are unused.
• RX(n+m*7–1)0 through RX(n+m*7–1)7 are reserved for future use. RX(n+m*7–1)B is assigned to Ready signal, which is
turned to “1” when the network module is in normal conditions. RX(n+m*7–1)8 through RX(n+m*7–1)A, RX(n+m*7–1)C
through RX(n+m*7–1)F are not used.
RX(n+0) 0, RX(n+1) 0, RX(n+2) 0
Module 1
RX(n+0) 1, RX(n+1) 1, RX(n+2) 1
Module 2
RX(n+0) 2, RX(n+1) 2, RX(n+2) 2
Module 3
:
:
RX(n+0) F, RX(n+1) F, RX(n+2) F
Module 16
0
F E D C B A 9
8
7
6
5
4
3
2
1
0
15
RX(n+0)
RX(n+2)
RX(n+m
*7–1)
RX(n+1)
Unused
Module Status
Error Status (Burnout Bit)
Data Error Status
Reserved Bit
R3-PC16A:
External power supply in error or disconnected



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com