Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NC3-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-NC3-R
Description  Remote I/O R3 Series CC-Link INTERFACE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NC3-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-NC3-R Datasheet HTML 1Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 6Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 7Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MODEL: R3-NC3
R3-NC3 SPECIFICATIONS
ES-8422 Rev.20 Page 1/8
https://www.m-system.co.jp/
Remote I/O R3 Series
CC-Link INTERFACE MODULE
(CC-Link Ver. 2)
109
[4.29]
27.5 [1.08]
130
[5.12]
mm [inch]
MODEL: R3-NC3-[1][2]
ORDERING INFORMATION
• Code number: R3-NC3-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-NC3-N/CE/W/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
[1] POWER INPUT
N: No power supply
AC Power
K3: 100 – 120 V AC
(Operational voltage range 85 - 132 V, 47 - 66 Hz) *
(CE not available)
L3: 200 – 240 V AC
(Operational voltage range 170 - 264 V, 47 - 66 Hz) *
(CE not available)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.) *
* Not selectable for use with independent power modules or
network modules with the internal power input options.
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Mitsubishi PLC Redundant System
blank: Without
/W: With
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-8422)
PACKAGE INCLUDES...
• Terminating resistor (110 Ω, 0.5 W)
GENERAL SPECIFICATIONS
Connection
CC-Link: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2, stripped length 7 mm)
Internal bus: Via the Installation Base
(model: R3-BSx)
Internal power: Via the Installation Base (model: R3-BSx)
Power input, RUN contact output: M3 separable screw
terminal (torque 0.5 N·m)
Screw terminal: Nickel-plated steel
Isolation: CC-Link to internal bus or internal power to power
supply to RUN contact output to FG
Dual communication setting: Set with the side DIP switch
Data allocation setting: Set with the side DIP switch
RUN indicator: Bi-color (green/red) LED; Green ON in normal
communication; Red ON when receiving data (Function
selected with DIP SW)
ERR indicator: Bi-color (green/red) LED;
Green ON or blinking at communication error (OFF with
cable disconnection, blinking in setting error); Red ON at
transmitting data (Function selected with DIP SW)
■ RUN CONTACT OUTPUT
RUN contact: Turns ON while the green RUN LED is ON (CC-
Link in normal communication).
Rated load: 250 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
(Less than 50 V AC to conform with EU Directive)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA or 150 W
Minimum load: 1 V DC @ 1 mA
Mechanical life: 2 × 107 cycles (300 cycles/min.)
When driving an inductive load, external contact protection
and noise quenching recommended.
CC-Link COMMUNICATION
CC-Link: Conforms to Version 2.00
(incompatible with Ver. 1)
Cyclic expansion setting: 2, 4, 8 folds (Function selected
with DIP switch)


Similar Part No. - R3-NC3-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-NC1 MSYSTEM-R3-NC1 Datasheet
203Kb / 7P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R3-NC1-K3 MSYSTEM-R3-NC1-K3 Datasheet
203Kb / 7P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R3-NC1-K3/CE MSYSTEM-R3-NC1-K3/CE Datasheet
203Kb / 7P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R3-NC1-K3/Q MSYSTEM-R3-NC1-K3/Q Datasheet
203Kb / 7P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R3-NC1-K3/W MSYSTEM-R3-NC1-K3/W Datasheet
203Kb / 7P
Remote I/O R3 Series CC-Link INTERFACE MODULE
More results

Similar Description - R3-NC3-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6N-C1 MSYSTEM-R6N-C1 Datasheet
172Kb / 6P
Remote I/O R6 Series CC-Link INTERFACE MODULE
R6N-C3 MSYSTEM-R6N-C3 Datasheet
314Kb / 9P
Remote I/O R6 Series CC-Link INTERFACE MODULE
R3-GC1 MSYSTEM-R3-GC1 Datasheet
164Kb / 6P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R3-NF3 MSYSTEM-R3-NF3 Datasheet
193Kb / 7P
Remote I/O R3 Series T-Link INTERFACE MODULE
R3-NF2 MSYSTEM-R3-NF2 Datasheet
156Kb / 5P
Remote I/O R3 Series T-Link INTERFACE MODULE
R3-NF1 MSYSTEM-R3-NF1 Datasheet
183Kb / 7P
Remote I/O R3 Series T-Link INTERFACE MODULE
R3-NC2 MSYSTEM-R3-NC2 Datasheet
189Kb / 8P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R3-NC1 MSYSTEM-R3-NC1 Datasheet
203Kb / 7P
Remote I/O R3 Series CC-Link INTERFACE MODULE
R5-NC1 MSYSTEM-R5-NC1 Datasheet
161Kb / 6P
Remote I/O R5 Series CC-Link INTERFACE MODULE
R6-NC1 MSYSTEM-R6-NC1 Datasheet
173Kb / 6P
Remote I/O R6 Series CC-Link INTERFACE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com