Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NC3-R Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # R3-NC3-R
Description  Remote I/O R3 Series CC-Link INTERFACE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NC3-R Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  R3-NC3-R Datasheet HTML 1Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 6Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 7Page - M-System Co.,Ltd. R3-NC3-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MODEL: R3-NC3
R3-NC3 SPECIFICATIONS
ES-8422 Rev.20 Page 7/8
https://www.m-system.co.jp/
R3 MAIN (RY(n+1) 0)
R3 SUB (RY(n+1) 0)
CONTROL
0
0
Output from the ‘main’ network module.
1
0
Output from the ‘main’ network module.
0
1
Output from the ‘sub’ network module.
1
1
Hold the output
RY (n+1) 0 = 1
C
L
P
y
b
g
n
i
h
c
t
i
w
S
d
e
r
o
t
s
e
R
k
a
e
r
B
t
r
a
t
S
s
u
t
a
t
S
n
o
i
t
a
c
i
n
u
m
m
o
C
RY (n+1) 0 = 0
R3 main network
RY (n+1) 0 = 1
RY (n+1) 0 = 0
R3 sub network
)
5
(
)
4
(
)
3
(
)
2
(
)
1
(
■PLC REDUNDANT SYSTEM (models: R3-NC3-x/W)
Bit 0 of RY(n+1) is assigned to designate control system or standby system. Set this bit from the host PLC to switch from the
PLC master control system to the standby system, or vice versa. The R3 module output (slave station) is controlled according
to the bit combinations as shown in the table below. No switching is required for the R3 input modules which continuously
send out data to both ‘main’ and ‘sub’ network modules.
RY(n+1) 0 = 0 : PLC master control system
RY(n+1) 0 = 1 : PLC standby system
•Operation
1) When the PLC master control/standby system bit is undefined due to no communication, the both host PLCs function as
‘standby’ system for each of R3 ‘main’ and ‘sub’ network modules. All contact outputs are off, and analog output modules
output -15%.
2) The master PLC communicates with the R3 main network module, while the standby PLC communicates with the R3 sub
network module.
3) When a wire breakdown is detected at the R3 main network, the output signal is held for the preset time period (Timer is
programmable with the PC Configurator Software, R3CON). After the time has been elapsed, the output is switched from
the R3 main to R3 sub network. Be sure to set an appropriate output signal to the R3 sub network before the switching.
The host PLC for the R3 main network is now functioning as standby system.
4) Once the PLC control is transferred to the standby system, it is necessary to set RY(n+1) 0 = 1 to the R3 main network in
order to prevent R3 output control automatically switched to the main network when the R3 main network is restored. If
it is set to RY(n+1) 0 = 0, the R3 output will be switched to the main network even when the PLC control is in the standby
system.
5) When both R3 main and R3 sub network modules are in communication, the output can be switched without delay by
setting RY(n+1) 0 values. Be sure to set an appropriate output signal to the network module before the control is switched
to it.
■CONNECTION EXAMPLE for R3-NC3-x/W
Control
Main
Master
Master
CPU
Sub
Standby
Master
Master
CPU
I/O
R3-
NC3
R3-
PSx
R3-
NC3
Main
Sub
I/O
R3-
NC3
R3-
PSx
R3-
NC3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com