Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC861 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC861
Description  Ultra-Low Power Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC861 Datasheet(HTML) 3 Page - Microchip Technology

  MIC861 Datasheet HTML 1Page - Microchip Technology MIC861 Datasheet HTML 2Page - Microchip Technology MIC861 Datasheet HTML 3Page - Microchip Technology MIC861 Datasheet HTML 4Page - Microchip Technology MIC861 Datasheet HTML 5Page - Microchip Technology MIC861 Datasheet HTML 6Page - Microchip Technology MIC861 Datasheet HTML 7Page - Microchip Technology MIC861 Datasheet HTML 8Page - Microchip Technology MIC861 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: V+ = +2.7V, V– = 0V VCM = V+/2; RL = 500 kΩ to V+/2; TA = 25°C, unless otherwise
noted. (Note 2).
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Input Offset Voltage
VOS
–10
2
10
mV
–40°C ≤ TA ≤ +85°C (Note 1)
Input Offset Voltage
Temperature
Coefficient
—
15
—
μV/°C
—
Input Bias Current
IB
—
20
—
pA
—
Input Offset Current
IOS
—
10
—
pA
—
Input Voltage
Range
VCM
—
1.8
—
V
CMRR >60 dB
Common-Mode
Rejection Ratio
CMRR
45
77
—
dB
0 < VCM < 1.35V, –40°C ≤ TA ≤ +85°C
Power Supply
Rejection Ratio
PSRR
50
83
—
dB
Supply voltage change of 3V, –40°C
≤ TA ≤ +85°C
Large-Signal
Voltage Gain
AVOL
60
74
—
dB
RL = 100 kΩ, VOUT = 2VPP,
–40°C ≤ TA ≤ +85°C
73
83
—
dB
RL = 500 kΩ, VOUT = 2VPP,
–40°C ≤ TA ≤ +85°C
Maximum Output
Voltage Swing
VOUT
V
±2 mV
V
±0.7 mV
—
V
RL = 500 kΩ, –40°C ≤ TA ≤ +85°
—
V
±0.2 mV
V
±2 mV
Gain-Bandwidth
Product
GBWP
—
350
—
kHz
RL = 200 kΩ, CL = 2 pF, VOUT = 0
–3 dB Bandwidth
BW
—
500
—
kHz
AV = 1, CL = 2 pF, RL = 1 MΩ
Slew Rate
SR
—
0.12
—
V/μs
AV = 1, CL = 2 pF, RL = 1 MΩ
Short-Circuit Output
Current
ISC
—
6
—
mA
Source
—
—
5
—
mA
Sink
Supply Current
IS
—
4.2
9
μA
No load, –40°C ≤ TA ≤ +85°
 2020 Microchip Technology Inc.
DS20006347A-page 3
MIC861



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com