Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC861 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC861
Description  Ultra-Low Power Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC861 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC861 Datasheet HTML 9Page - Microchip Technology MIC861 Datasheet HTML 10Page - Microchip Technology MIC861 Datasheet HTML 11Page - Microchip Technology MIC861 Datasheet HTML 12Page - Microchip Technology MIC861 Datasheet HTML 13Page - Microchip Technology MIC861 Datasheet HTML 14Page - Microchip Technology MIC861 Datasheet HTML 15Page - Microchip Technology MIC861 Datasheet HTML 16Page - Microchip Technology MIC861 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
 2020 Microchip Technology Inc.
DS20006347A-page 13
MIC861
3.0
TEST CIRCUITS
FIGURE 3-1:
Test Circuit: 1 AV = 11.
FIGURE 3-2:
Test Circuit: 2 AV = 2.
FIGURE 3-3:
Test Circuit: 3 AV = 1.
FIGURE 3-4:
Test Circuit: 4 AV = –1.
170k
48k
10k
10k
10μF
0.1μF
50
50
0.1μF
10μF
100μF
All resistors:
1% metal film
Output
Input
V—
MIC861
BNC
BNC
FIGURE 3-5:
Test Circuit: 5 Positive
Power Supply Rejection Ratio Measurement.
C
L
RF
FET Probe
V+
FIGURE 3-6:
Test Circuit: 6 Closed-Loop
Unity Gain Frequency Response Measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com