Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC861 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC861
Description  Ultra-Low Power Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC861 Datasheet(HTML) 1 Page - Microchip Technology

  MIC861 Datasheet HTML 1Page - Microchip Technology MIC861 Datasheet HTML 2Page - Microchip Technology MIC861 Datasheet HTML 3Page - Microchip Technology MIC861 Datasheet HTML 4Page - Microchip Technology MIC861 Datasheet HTML 5Page - Microchip Technology MIC861 Datasheet HTML 6Page - Microchip Technology MIC861 Datasheet HTML 7Page - Microchip Technology MIC861 Datasheet HTML 8Page - Microchip Technology MIC861 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2020 Microchip Technology Inc.
DS20006347A-page 1
MIC861
Features
• SC70 Packaging
• 400 kHz Gain-Bandwidth Product
• 650 kHz, –3dB Bandwidth
• 4.6 μA Supply Current
• Rail-to-Rail Output
• Ground Sensing at Input (Common Mode to
GND)
• Drives Large Capacitive Loads (1000 pF)
• Unity Gain Stable
Applications
• Handheld Electronics
• Laptop Computers
• Tablets
• Mobile Phones
• Consumer Electronics
General Description
The MIC861 is a rail-to-rail output, input common-mode
to ground, operational amplifier in SC70 packaging.
The MIC861 provides a 400 kHz gain-bandwidth
product while consuming an incredibly low 4.6 μA
supply current.
The SC70 packaging achieves significant board space
savings over devices packaged in SOT-23 or MSOP-8
packaging. The SC70 occupies approximately half the
board area of a SOT-23 package.
Package Type
Pin Configuration
SC70–5 (C5)
Functional Configuration
SC70–5 (C5)
OUT
V+
IN+
1
3
45
2
A33
Part
Identification
OUT
V+
IN+
1
3
45
2
Ultra-Low Power Operational Amplifier


Similar Part No. - MIC861

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC861 MICREL-MIC861 Datasheet
173Kb / 12P
Teeny Ultra Low Power Op Amp Final Information
MIC861 MICREL-MIC861 Datasheet
1Mb / 11P
Teeny??Ultra-Low-Power Op Amp
MIC861BC5 MICREL-MIC861BC5 Datasheet
173Kb / 12P
Teeny Ultra Low Power Op Amp Final Information
MIC861BC5 MICREL-MIC861BC5 Datasheet
613Kb / 12P
Teeny Ultra Low Power Op Amp
MIC861YC5 MICREL-MIC861YC5 Datasheet
613Kb / 12P
Teeny Ultra Low Power Op Amp
More results

Similar Description - MIC861

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5142 INTERSIL-HA-5142 Datasheet
774Kb / 10P
Dual, 400kHz, Ultra-Low Power Operational Amplifier
April 1999
logo
Maxim Integrated Produc...
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
logo
Intersil Corporation
HA-5142883 INTERSIL-HA-5142883 Datasheet
561Kb / 5P
Dual, Ultra Low Power Operational Amplifier
July 1994
HA-5142 INTERSIL-HA-5142_04 Datasheet
761Kb / 10P
Dual, 400kHz, Ultra-Low Power Operational Amplifier
November 16, 2004
logo
National Semiconductor ...
LME49990 NSC-LME49990 Datasheet
448Kb / 16P
Ultra-low Distortion, Ultra-low Noise Operational Amplifier
logo
Texas Instruments
LME49990 TI1-LME49990 Datasheet
1Mb / 18P
Ultra-low Distortion, Ultra-low Noise Operational Amplifier
LME49990 TI1-LME49990_15 Datasheet
1Mb / 19P
Ultra-low Distortion, Ultra-low Noise Operational Amplifier
logo
Toshiba Semiconductor
TC75S67TU TOSHIBA-TC75S67TU Datasheet
1Mb / 11P
Single Operational Amplifier (Ultra Low Noise Operational Amplifier)
2019-08-19 Rev1.4
logo
Renesas Technology Corp
HA-5142 RENESAS-HA-5142 Datasheet
768Kb / 10P
Dual, 400kHz, Ultra-Low Power Operational Amplifier
November 16, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com