Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC920 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC920
Description  80 MHz Low-Power SC70 Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC920 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC920 Datasheet HTML 16Page - Microchip Technology MIC920 Datasheet HTML 17Page - Microchip Technology MIC920 Datasheet HTML 18Page - Microchip Technology MIC920 Datasheet HTML 19Page - Microchip Technology MIC920 Datasheet HTML 20Page - Microchip Technology MIC920 Datasheet HTML 21Page - Microchip Technology MIC920 Datasheet HTML 22Page - Microchip Technology MIC920 Datasheet HTML 23Page - Microchip Technology MIC920 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2019 Microchip Technology Inc.
DS20006268A-page 21
MIC920
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
MIC920YC5-TR:
80 MHz Low-Power SC-
70 Op Amp, –40°C to
+85°C Ambient Tempera-
ture Range, 5-Lead SC70
Package, 3,000/Reel
PART NO.
XX
Package
Device
Device:
MIC920:
80 MHz Low-Power SC70 Op Amp
Temperature:
Y
=
–40°C to +85°C
Package:
C5 =
5-Lead SC70
Media Type:
TR =
3,000/Reel
X
Temperature
-XX
Media Type
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com