Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC920 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC920
Description  80 MHz Low-Power SC70 Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC920 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC920 Datasheet HTML 9Page - Microchip Technology MIC920 Datasheet HTML 10Page - Microchip Technology MIC920 Datasheet HTML 11Page - Microchip Technology MIC920 Datasheet HTML 12Page - Microchip Technology MIC920 Datasheet HTML 13Page - Microchip Technology MIC920 Datasheet HTML 14Page - Microchip Technology MIC920 Datasheet HTML 15Page - Microchip Technology MIC920 Datasheet HTML 16Page - Microchip Technology MIC920 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TIME (10ns/div)
V = ±5V
C
L = 1.7pF
Av = 1
Positive SR = 1350V/μsec
Negative SR = 1190V/sec
 2019 Microchip Technology Inc.
DS20006268A-page 13
MIC920
FIGURE 2-43:
Large Signal Response.
TIME (10ns/div)
V = ±9V
C
L = 1.7pF
Av = 1
Positive SR = 3000V/μsec
Negative SR = 2500V/μsec
FIGURE 2-44:
Large Signal Response.
TIME (50ns/div)
V = ±5V
C
L = 100pF
Av = 1
Positive SR = 373V/μsec
Negative SR = 290V/sec
FIGURE 2-45:
Large Signal Response.
TIME (50ns/div)
V = ±9V
C
L = 100pF
Av = 1
Positive SR = 672V/μsec
Negative SR = 424V/sec
FIGURE 2-46:
Large Signal Response.
TIME (100ns/div)
V = ±5V
C
L = 1000pF
Av = 1
Positive SR = 75V/μsec
Negative SR = 41V/sec
FIGURE 2-47:
Large Signal Response.
TIME (100ns/div)
V = ±9V
C
L = 1000pF
Av = 1
Positive SR = 97V/μsec
Negative SR = 60V/sec
FIGURE 2-48:
Large Signal Response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com