Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-SPA8 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-SPA8
Description  Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-SPA8 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-SPA8 Datasheet HTML 1Page - M-System Co.,Ltd. R3-SPA8 Datasheet HTML 2Page - M-System Co.,Ltd. R3-SPA8 Datasheet HTML 3Page - M-System Co.,Ltd. R3-SPA8 Datasheet HTML 4Page - M-System Co.,Ltd. R3-SPA8 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R3S-PA8
R3S-PA8 SPECIFICATIONS
ES-8935 Rev.6 Page 4/5
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
1
20
27.5 (1.08)
109 (4.29)
120 (4.72)
POSITIONING
GUIDE
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Input Circuit
Comm.
Circuit
10
20
1
9
3
5
11
7
13
15
14
12
16
17
Pi 1
Pi 2
Pi 3
Pi 4
Pi 5
Pi 6
Pi 7
Pi 8
0V
1
2
3
4
5
7
6
8
16
Control
Circuit
ERR LED
RUN LED
STATUS
INDICATOR LED
2
4
18
19
DIP SW
6
8
Numbers in italic indicate LED No.s assigned to the front panel LEDs.
*For dual redundant communication.
Count
Reset
INTERNAL POWER
INTERNAL BUS A
INTERNAL BUS B*



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com