Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-SPA8 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-SPA8
Description  Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-SPA8 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-SPA8 Datasheet HTML 1Page - M-System Co.,Ltd. R3-SPA8 Datasheet HTML 2Page - M-System Co.,Ltd. R3-SPA8 Datasheet HTML 3Page - M-System Co.,Ltd. R3-SPA8 Datasheet HTML 4Page - M-System Co.,Ltd. R3-SPA8 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R3S-PA8
R3S-PA8 SPECIFICATIONS
ES-8935 Rev.6 Page 2/5
http://www.m-system.co.jp/
(ON/OFF time ≥ 5 msec.)
This unit is designed to be able to accept a frequency up to
100 Hz, however,‘chattering’ contact must be avoided for
accurate measuring of such high frequency. Use mercury
relays or similar ones that do not cause any chattering.
Totalized pulse range: 0 - 9999999
Count at overflow: Reset and restart at ‘0.’(Max. pulse
range selectable from 10000 to 2147483647 using the
R3CON PC Configurator Software. ‘0’ or ‘1’ from which
restart counting at overflow is pre-settable. Refer to the
R3CON Users Manual for detailed information.)
■ INTERNAL EXCITATION
Sensing voltage: 13 V DC (max. 24 V with no load)
ON voltage: ≥ 9 V (≤ 1.5 kΩ)
OFF voltage: ≤ 4.5 V (≥ 18 kΩ)
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Data allocation: 16
Current consumption: 70 mA
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(input to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
COUNT RESET
There are three different ways to reset count value.
■ COUNT RESET WITH DIP SW
1) Remove Network Module or its cables and interrupt
communication with other devices.
2) Turn ON the Count Reset SW (DIP SW3-1) on R3S-PA8
module.
3) Return the module to the base and turn the power supply
on.
4) ERR LED turns on and the module starts resetting its
counter. When the resetting is complete, the LED turns to
green. DO NOT remove the power while the red LED is on.
5) After confirming that ERR LED is green, turn the power
supply off.
6) Turn OFF the Count Reset SW (DIP SW3-1).
7) Return the Network module onto the base and turn the
power supply on.
Note: Count Reset SW must be turned OFF after this
procedure because the module does not start counting with
ON state. Even when the count overflow set value is 1, the
counter is reset to 0.
■ COUNT RESET WITH RESET SIGNAL
With the Count Reset Input SW (DIP SW3-3) turned ON, the
count reset signal value becomes effective.
SW3-3 = OFF: invalid
SW3-3 = ON: valid
One pulse supplied at the Count reset input terminal will be
recognized as a reset signal.
1) ERR LED turns on (red color) when the reset signal is
received.
2) In 1 second, the module starts resetting its counter.
When the resetting is complete, the LED turns to green.
3) After 1 second, ERR LED turns back to the state before
the reset signal has been received.
Note: Reset signals received while the module is processing
(1) through (3) are ignored. Even when the count overflow
set value is 1, the counter is reset to 0.
■ COUNT RESET FROM HOST PC/PLC
Refer to “COUNTER SETTING FROM HOST PC/PLC” section
hereafter.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com