Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-SPA8 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-SPA8
Description  Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-SPA8 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-SPA8 Datasheet HTML 1Page - M-System Co.,Ltd. R3-SPA8 Datasheet HTML 2Page - M-System Co.,Ltd. R3-SPA8 Datasheet HTML 3Page - M-System Co.,Ltd. R3-SPA8 Datasheet HTML 4Page - M-System Co.,Ltd. R3-SPA8 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R3S-PA8
R3S-PA8 SPECIFICATIONS
ES-8935 Rev.6 Page 1/5
http://www.m-system.co.jp/
Remote I/O R3 Series
TOTALIZED PULSE INPUT MODULE
(Pi 8 points, 32 Bits, Tension clamp terminal block)
27.5 (1.08)
130 (5.12)
mm (inch)
120 (4.72)
MODEL: R3S-PA8[1][2]
ORDERING INFORMATION
• Code number: R3S-PA8[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3S-PA8W/PRS/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
NO. OF CHANNELS
8: 8
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
EX-FACTORY SETTING
blank: Enable count reset by host PC/PLC
/PRS: Enable count preset by host PC/PLC
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-8457)
RELATED PRODUCTS
• Interface module (model: R3-NC1, R3-NC3, R3-NE1,
R3-NMx, R3-NDx, R3-NFL1, R3-NP1, R3-NFx, R3-NML3.
R3-NF2: Firmware version V0.05 or later)
Note:
• Count reset by host PC/PLC:
Available with this unit and the above mentioned interface
modules of firmware version V2.00 or later, except R3-NFx
(R3-NM3: Firmware version V1.00 or later). Notice that
Count reset by host PC/PLC via R3-NFx or interface module
of previous versions of firmware is unable.
• Count preset by host PC/PLC:
It is only available in combination with this unit displayed
'SW3-4 RESET/PRESET' on the right side panel and the
interface module R3-NMx or R3-NE1 of firmware version
V2.00 or later. Count preset is not available for other
combination (R3-NM3: Firmware version V1.00 or later).
Notice that this function is not available in the same time as
count preset by host PC/PLC.
• In the FL-net Configuration Builder software (model: R3-
NFLBLD), the number of channel for this module is
displayed as 16 because data has 8 channels x 2 words.
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input: Separable tension clamp terminal (applicable wire
size: 0.2 to 1.5 mm2, stripped length 10 mm)
Internal power: Via the Installation Base (model: R3-BSx)
Isolation: Input to internal bus or internal power
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Bi-color (red/green) LED;
Red with excitation abnormality;
Green in normal operating conditions.
Input status indicator: Red LED;
1 to 8: Turns on with the input ON.
9 to 15: Unused
16: Turns on with the reset input ON.
Count reset: Via DIP switch on the side or one pulse to reset
input
Count setting from host PC/PLC: Count reset/count preset is
changeable via DIP switch on the side.
INPUT SPECIFICATIONS
Number of input: 9 (8 points + Count reset)
Input resistance: 6 kΩ
Common: Negative commons, all points; 11 terminals
Maximum frequency: 100 Hz


Similar Part No. - R3-SPA8

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
R3-S RRE-R3-S Datasheet
95Kb / 1P
Tape and reel specifications
logo
M-System Co.,Ltd.
R3-SDA16 MSYSTEM-R3-SDA16 Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3-SDAC16 MSYSTEM-R3-SDAC16 Datasheet
219Kb / 9P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-SDAC16A MSYSTEM-R3-SDAC16A Datasheet
217Kb / 8P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-SDC8 MSYSTEM-R3-SDC8 Datasheet
149Kb / 5P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
More results

Similar Description - R3-SPA8

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5-TPA2 MSYSTEM-R5-TPA2 Datasheet
116Kb / 3P
Remote I/O R5 Series TOTALIZED PULSE INPUT MODULE
R30PA2 MSYSTEM-R30PA2 Datasheet
235Kb / 5P
Remote I/O R30 Series TOTALIZED PULSE INPUT MODULE
R3-PA4A MSYSTEM-R3-PA4A Datasheet
135Kb / 5P
Remote I/O R3 Series HIGH SPEED TOTALIZED PULSE INPUT MODULE
R3-PA4 MSYSTEM-R3-PA4 Datasheet
128Kb / 5P
Remote I/O R3 Series HIGH SPEED PULSE INPUT MODULE
R3-PC16A MSYSTEM-R3-PC16A Datasheet
118Kb / 4P
Remote I/O R3 Series PULSE OUTPUT MODULE
R3-PA8 MSYSTEM-R3-PA8 Datasheet
143Kb / 5P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3-PA4B MSYSTEM-R3-PA4B Datasheet
135Kb / 5P
Remote I/O R3 Series LOW SPEED TOTALIZED PULSE INPUT MODULE
R3-PA16 MSYSTEM-R3-PA16 Datasheet
145Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R3Y-PA16 MSYSTEM-R3Y-PA16 Datasheet
146Kb / 6P
Remote I/O R3 Series TOTALIZED PULSE INPUT MODULE
R8-PA4 MSYSTEM-R8-PA4 Datasheet
187Kb / 4P
Remote I/O R8 Series TOTALIZED PULSE INPUT MODULE, 4 points
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com