Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOS-PROG1 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # VOS-PROG1
Description  Evaluation board for VOS cameras
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VOS-PROG1 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  VOS-PROG1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. VOS-PROG1 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Evaluation board for VOS cameras
VOS-PROG1
< Evaluation board for VOS cameras
< LED for displaying the switching output states
< Terminals for I/O signals and power supply
Dimensions
68
38
50
0
1
2
0
1
2
MANUAL TRIGGER
RS-232
Technical Data
Indicators/operating means
LED green
3 x Input I0, I1, I2
3 x Output O0, O1, O2
1 x PWR
Electrical specifications
Operating voltage
UB
max. 24 V
Operating current
IB
max. 200 mA
Interface
Connection
1 x M12 connector, 12-pin
1 x D-Sub plug 9-pin
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - VOS-PROG1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VOS-3-1/8 FESTO-VOS-3-1/8 Datasheet
86Kb / 1P
Stem actuated valve
4/8/22
logo
M-System Co.,Ltd.
VOS-E MSYSTEM-VOS-E Datasheet
147Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
VOS-E-1311 MSYSTEM-VOS-E-1311 Datasheet
147Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
VOS-E-1311/C MSYSTEM-VOS-E-1311/C Datasheet
147Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
VOS-E-1311/R1 MSYSTEM-VOS-E-1311/R1 Datasheet
147Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
More results

Similar Description - VOS-PROG1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
Evaluation Board for STR72xF
04-Oct-2005
logo
Cirrus Logic
CDB3308 CIRRUS-CDB3308 Datasheet
1Mb / 16P
Evaluation Board for CS3308
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
Evaluation Board for CS3318
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
Evaluation Board for CS4352
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
Evaluation Board for CS4361
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
Evaluation Board for CS5345
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
Evaluation Board for CS5364
logo
Maxim Integrated Produc...
MAX1802 MAXIM-MAX1802_1 Datasheet
346Kb / 7P
Evaluation Kit for Digital Still Cameras
Rev 0; 3/01
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
Evaluation Board for G
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com