Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-US4S/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3-US4S/Q
Description  Remote I/O R3 Series UNIVERSAL INPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-US4S/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3-US4S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-US4S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-US4S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-US4S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-US4S/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-US4S/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-US4S/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: R3-US4
R3-US4 SPECIFICATIONS
ES-8449 Rev.7 Page 3/7
http://www.m-system.co.jp/
INPUT TYPE, RANGE,CONVERSION ACCURACY & TEMPERATURE COEFFICIENT
■ DC VOLTAGE
Table 1
VOLTAGE RANGE
CONVERSION RATE
TEMPERATURE
COEFFICIENT
CONVERSION ACCURACY (%)
Low (300ms)
Middle (210ms)
±60mV
±0.05
±0.08
±0.015%/
°C (±0.008%/ °F)
±125mV
±0.05
±0.08
±0.015%/
°C (±0.008%/ °F)
±250mV
±0.05
±0.08
±0.015%/
°C (±0.008%/ °F)
±500mV
±0.05
±0.08
±0.015%/
°C (±0.008%/ °F)
±1000mV
±0.05
±0.08
±0.015%/
°C (±0.008%/ °F)
±3V
±0.05
±0.08
±0.015%/
°C (±0.008%/ °F)
±6V
±0.05
±0.08
±0.015%/
°C (±0.008%/ °F)
±12V
±0.05
±0.08
±0.015%/
°C (±0.008%/ °F)
■ THERMOCOUPLE
Table 2-1
THERMO-
COUPLE
USABLE RANGE
CONFORMANCE RANGE
ACCURACY CONVER -
SION RATE “Low (300ms)/
Middle (210ms)”
TEMPERATURE
COEFFICIENT
°C
°C
(PR)
-50 to +1860
400 to 1770
±4.6
°C
±0.087%/
°C
K (CA)
-273 to +1470
0 to 1370
±1.5
°C
±0.030%/
°C
E (CRC)
-273 to +1020
0 to 1000
±0.8
°C
±0.021%/
°C
J (IC)
-260 to +1300
0 to 1200
±1.0
°C
±0.024%/
°C
T (CC)
-273 to +500
0 to 400
±1.3
°C
±0.065%/
°C
B (RH)
40 to 1920
700 to 1820
±7.2
°C
±0.125%/
°C
R
-100 to +1860
400 to 1760
±4.8
°C
±0.088%/
°C
S
-100 to +1860
400 to 1760
±5.3
°C
±0.098%/
°C
C (WRe 5-26)
-50 to +2415
0 to 2320
±4.9
°C
±0.070%/
°C
N
-273 to +1400
0 to 1300
±1.9
°C
±0.040%/
°C
U
-250 to +650
0 to 600
±1.3
°C
±0.054%/
°C
L
-250 to +1000
0 to 900
±1.0
°C
±0.030%/
°C
P (Platinel II)
-50 to +1495
0 to 1395
±1.7
°C
±0.041%/
°C
Table 2-2
-58 to +3380
752 to 3218
±8.3
°F
±0.048%/
°F
-459 to +2678
32 to 2498
±2.7
°F
±0.017%/
°F
-459 to +1868
32 to 1832
±1.5
°F
±0.012%/
°F
-436 to +2372
32 to 2192
±1.8
°F
±0.013%/
°F
-459 to +932
32 to 752
±2.4
°F
±0.036%/
°F
104 to 3488
1292 to 3308
±13
°F
±0.069%/
°F
-148 to +3380
752 to 3200
±8.7
°F
±0.049%/
°F
-148 to +3380
752 to 3200
±9.6
°F
±0.054%/
°F
-58 to +4379
32 to 4208
±8.9
°F
±0.039%/
°F
-459 to +2552
32 to 2372
±3.5
°F
±0.022%/
°F
-418 to +1202
32 to 1112
±2.4
°F
±0.030%/
°F
-418 to +1832
32 to 1652
±1.8
°F
±0.017%/
°F
-58 to +2723
32 to 2543
±3.1
°F
±0.023%/
°F
Note1: Conversion accuracy is at 50μV emf.
Note2: CJC error is not included.
THERMO-
COUPLE
USABLE RANGE
CONFORMANCE RANGE
ACCURACY CONVER -
SION RATE “Low (300ms)/
Middle (210ms)”
TEMPERATURE
COEFFICIENT
°F
°F
(PR)
K (CA)
E (CRC)
J (IC)
T (CC)
B (RH)
R
S
C (WRe 5-26)
N
U
L
P (Platinel II)
BURNOUT (°C x 10)
-500, +18600
-2750, +14700
-2750, +10200
-2600, +13000
-2750, +5000
400, 19200
-1000, +18600
-1000, +18600
-500, +24150
-2750, +14000
-2500, +6500
-2500, +10000
-500, +14950
-58
°F, +3380 °F
-463
°F, +2678 °F
-463
°F, +1868 °F
-436
°F, +2372 °F
-463
°F, +932 °F
104
°F, 3488 °F
-148
°F, +3380 °F
-148
°F, +3380 °F
-58
°F, +4379 °F
-463
°F, +2552 °F
-418
°F, +1202 °F
-418
°F, +1832 °F
-58
°F, +2723 °F
BURNOUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com