Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-US4S/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-US4S/Q
Description  Remote I/O R3 Series UNIVERSAL INPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-US4S/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-US4S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-US4S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-US4S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-US4S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-US4S/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-US4S/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-US4S/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: R3-US4
R3-US4 SPECIFICATIONS
ES-8449 Rev.7 Page 4/7
http://www.m-system.co.jp/
■ RTD
RTD
USABLE RANGE
ACCURACY CONVER -
SION RATE “Low (600ms)/
Middle (420ms)”
TEMPERATURE
COEFFICIENT
°C
°F
Pt 100 (JIS’89)
-240 to +900
-400 to +1652
±1.1
°C
±2.0
°F
±0.025%/
°C
±0.014%/
°F
Pt 100 (JIS’97, IEC)
-240 to +900
-400 to +1652
±1.3
°C
±2.4
°F
±0.024%/
°C
±0.013%/
°F
Pt 1000
-240 to +900
-400 to +1652
±3.8
°C
±6.9
°F
±0.077%/
°C
±0.043%/
°F
Pt 50Ω (JIS’81)
-236 to +700
-392 to +1292
±2.0
°C
±3.6
°F
±0.021%/
°C
±0.012%/
°F
JPt 100 (JIS’89)
-236 to +560
-392 to +1040
±1.0
°C
±1.8
°F
±0.022%/
°C
±0.012%/
°F
Ni 100
-130 to +320
-202 to +608
±0.3
°C
±0.6
°F
±0.016%/
°C
±0.009%/
°F
Ni 120
-130 to +360
-202 to +680
±0.3
°C
±0.6
°F
±0.016%/
°C
±0.009%/
°F
Ni 508.4 Ω
-100 to +330
-148 to +626
±0.5
°C
±0.9
°F
±0.029%/
°C
±0.016%/
°F
Ni 1000
-56 to +152
-68 to +305
±1.8
°C
±3.3
°F
±0.077%/
°C
±0.043%/
°F
Cu 50
Pt 100 (JIS’89)
Pt 100 (JIS’97, IEC)
Pt 1000
Pt 50Ω (JIS’81)
JPt 100 (JIS’89)
Ni 100
Ni 120
Ni 508.4 Ω
Ni 1000
Cu 50
-100 to +200
-148 to +392
±1.1
°C
±2.0
°F
±0.021%/
°C
±0.012%/
°F
■ POTENTIOMETER
Table 4
TOTAL RESISTANCE RANGE
CONVERSION ACCURACY (%)
TEMPERATURE
COEFFICIENT
CONVERSION RATE
Low (600ms)
Middle (420ms)
Max. 200Ω
±0.12
±0.12
±0.005%/
°C (±0.003%/ °F)
Max. 500Ω
±0.14
±0.14
±0.005%/
°C (±0.003%/ °F)
Max. 5kΩ
±0.14
±0.14
±0.005%/
°C (±0.003%/ °F)
Note3: Potentiometer with total resistance of 50% minimum of the input total resistance range is recommended.
-200 to +660
-200 to +850
-200 to +850
-200 to +649
-200 to +510
-80 to +260
-80 to +260
-50 to +280
-40 to +120
-50 to +150
CONFORMANCE
RANGE
RTD
USABLE RANGE
ACCURACY CONVER-
SION RATE “Low (600ms)/
Middle (420ms)”
TEMPERATURE
COEFFICIENT
CONFORMANCE
RANGE
-328 to +1220
-328 to +1562
-328 to +1562
-328 to +1200
-328 to +950
-112 to +500
-112 to +500
-58 to +536
-40 to +248
-58 to +302
BURNOUT (°C x 10)
BURNOUT
-2400, +9000
-2400, +9000
-2400, +9000
-2360, +7000
-2360, +5600
-1300, +3200
-1300, +3600
-1000, +3300
-560, +1520
-1000, +2000
-400
°F, +1652°F
-400
°F, +1652°F
-400
°F, +1652°F
-393
°F, +1292°F
-393
°F, +1040°F
-202
°F, +608°F
-202
°F, +680°F
-148
°F, +626°F
-69
°F, +306°F
-148
°F, +392°F
Table 3 - 1
Table 3 - 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com