Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-US4S/Q Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R3-US4S/Q
Description  Remote I/O R3 Series UNIVERSAL INPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-US4S/Q Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R3-US4S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-US4S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-US4S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-US4S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-US4S/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-US4S/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-US4S/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: R3-US4
R3-US4 SPECIFICATIONS
ES-8449 Rev.7 Page 5/7
http://www.m-system.co.jp/
THERMOCOUPLE
USABLE RANGE
CONFORMANCE
RANGE
CONVERSION
ACCURACY
°C
RESOLUTION
BURNOUT
(°C×100)
TEMPERATURE
COEFFICIENT
K (CA)
-50 to +150
-20 to +100
0.01
-5000, +15000
± 0.064 % /°C
E (CRC)
-50 to +150
-20 to +100
0.01
-5000, +15000
± 0.045 % /°C
J (IC)
-50 to +150
-20 to +100
0.01
-5000, +15000
± 0.050 % /°C
T (CC)
-50 to +150
-20 to +100
0.01
-5000, +15000
± 0.077 % /°C
Conversion rate: 300 ms
Response time: Approx. 7 sec. (0 to 90 %)
CJC error is not included in conversion accuracy.
89)
-50 to +150
-20 to +100
± 0.3
0.01
-5000, +15000
± 0.015 % /°C
97, IEC)
-50 to +150
-20 to +100
± 0.3
0.01
-5000, +15000
± 0.015 % /°C
81)
-50 to +150
-20 to +100
± 0.3
0.01
-5000, +15000
± 0.024 % /°C
89)
-50 to +150
-20 to +100
± 0.3
0.01
-5000, +15000
± 0.015 % /°C
Table 5
■ THERMOCOUPLE (HIGH ACCURACY)
Table 6
THERMOCOUPLE
USABLE RANGE
CONFORMANCE
RANGE
CONVERSION
ACCURACY
°F
RESOLUTION
BURNOUT
(°F×10)
TEMPERATURE
COEFFICIENT
K (CA)
-58 to +302
-4 to +212
± 0.9
0.02
-580, +3020
± 0.036 % /°F
E (CRC)
-58 to +302
-4 to +212
± 0.9
0.02
-580, +3020
± 0.025 % /°F
J (IC)
-58 to +302
-4 to +212
± 0.9
0.02
-580, +3020
± 0.028 % /°F
T (CC)
-58 to +302
-4 to +212
± 0.9
0.02
-580, +3020
± 0.043 % /°F
± 0.5
± 0.5
± 0.5
± 0.5
■ RTD (HIGH ACCURACY)
RTD
USABLE RANGE
CONFORMANCE
RANGE
CONVERSION
ACCURACY
°C
RESOLUTION
BURNOUT
(°C×100)
TEMPERATURE
COEFFICIENT
Conversion rate: 600 ms
Response time: Approx. 7 sec. (0 to 90 %)
89)
± 0.008 % /°F
97, IEC)
± 0.008 % /°F
81)
± 0.013 % /°F
89)
± 0.008 % /°F
RTD
USABLE RANGE
CONFORMANCE
RANGE
CONVERSION
ACCURACY
°F
RESOLUTION
BURNOUT
(°F×10)
TEMPERATURE
COEFFICIENT
-58 to +302
-4 to +212
± 0.5
0.02
-58 to +302
-4 to +212
± 0.5
0.02
-58 to +302
-4 to +212
± 0.5
0.02
-58 to +302
-4 to +212
± 0.5
0.02
-580, +3020
-580, +3020
-580, +3020
-580, +3020
Ω
Ω
EXTERNAL VIEW
1
12
14
16
18
19
20
3
5
7
9
10
13
15
17
4
6
8
11
2
ERR LED
RUN LED
CJC SENSOR
(4 CJMs)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com