Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-NP1/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R5-NP1/Q
Description  Remote I/O R5 Series PROFIBUS-DP INTERFACE MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-NP1/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R5-NP1/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5-NP1/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5-NP1/Q Datasheet HTML 3Page - M-System Co.,Ltd. R5-NP1/Q Datasheet HTML 4Page - M-System Co.,Ltd. R5-NP1/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R5-NP1
R5-NP1 SPECIFICATIONS
ES-6107 Rev.7 Page 4/5
http://www.m-system.co.jp/
DATA ALLOCATION MODE 2
•Output Data
The figure below shows the allocation of the data sent
from the network module to the master.
•Input Data
The figure below shows the allocation of the data sent
from the master to the network module.
0
15
+0
Module 1+0
Module 1+1
+2
Module 2+0
Module 2+1
+4
Module 3+0
Module 3+1
+6
Module 4+0
Module 4+1
+8
Module 5+0
Module 5+1
+10 Module 6+0
Module 6+1
+12 Module 7+0
Module 7+1
+14 Module 8+0
Module 8+1
0
15
+0
Module 1+0
Module 1+1
+2
Module 2+0
Module 2+1
+4
Module 3+0
Module 3+1
+6
Module 4+0
Module 4+1
+8
Module 5+0
Module 5+1
+10 Module 6+0
Module 6+1
+12 Module 7+0
Module 7+1
+14 Module 8+0
Module 8+1
Each module takes two-word areas for input and output respectively, regardless of whether the module type is
input or output. If a module for Data Allocation Mode 1 is used, all the bits for Module n+1 data turn to “0”
(unused).
An input module stores data in the output data area. The input data area is secured for the module but not used.
I/O DATA DESCRIPTIONS
The data allocations for typical I/O modules are shown below.
Refer to the manual for each module for detailed data allocations.
■ANALOG 16 BITS DATA
0 to 100% of the selected I/O range is converted into 0 to 10000 (binary).
With °C or Kelvin temperature unit, raw data is multiplied by 10. For example, 25.5°C is converted into 255.
With °F temperature unit, the integer section of raw data is directly converted into the data. For example, 135.4°F is
converted into 135.
Negative values are represented in 2’s complements.
0
15
■ 16-POINT DISCRETE DATA
0
15
Input 1 (Output 1)
Input 2 (Output 2)
Input 3 (Output 3)
:
:
Input 16 (Output 16)
0 : OFF
1 : ON



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com