Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-NP1/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R5-NP1/Q
Description  Remote I/O R5 Series PROFIBUS-DP INTERFACE MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-NP1/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R5-NP1/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5-NP1/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5-NP1/Q Datasheet HTML 3Page - M-System Co.,Ltd. R5-NP1/Q Datasheet HTML 4Page - M-System Co.,Ltd. R5-NP1/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R5-NP1
R5-NP1 SPECIFICATIONS
ES-6107 Rev.7 Page 1/5
http://www.m-system.co.jp/
Remote I/O R5 Series
PROFIBUS-DP INTERFACE MODULE
18 (.71)
mm (inch)
90
(3.54)
90
(3.54)
MODEL: R5-NP1[1]
ORDERING INFORMATION
• Code number: R5-NP1[1]
Specify a code from below for [1].
(e.g. R5-NP1/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• PC configurator software (model: R5CON)
• GSD (General Station Description) file
The GSD file and configurator software are downloadable at
M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
PROFIBUS: 9-pin D-sub connector, female
(Lock screw No. 4-40 UNC)
Internal bus: Via the Installation Base (model: R5-BS)
Internal power: Via the base (model: R5-BS)
Isolation: PROFIBUS to internal bus or internal power
RUN indicator: Bi-color (green/red) LED (refer to the
instruction manual)
ERR indicator: Bi-color (green/red) LED (refer to the
instruction manual)
Data allocation: Mode 1 or 2 set with the side DIP switch
PROFIBUS COMMUNICATION
Interface: PROFIBUS-DP, slave (RS-485 isolation)
Max. baud rate: 12 Mbps
Transmission cable: Approved for PROFIBUS-DP
Station address setting: Rotary switch; 00 – 7E
(The station address is programmed to 7E if a larger
number is set on the switches.)
•Sync Mode, Freeze Mode are not supported.
•Special Clear Mode (Fail Safe Mode) is not supported.
However, when the R5-NP1 is initialized (when the power is
turned on), the output of connected output modules is
cleared by value “0”: the discrete outputs are turned off;
the analog outputs are reset to 0 %.
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R5-BS)
Weight: 100 g (3.53 oz)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (PROFIBUS to
internal bus or internal power)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581


Similar Part No. - R5-NP1/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5-NP2 MSYSTEM-R5-NP2 Datasheet
147Kb / 4P
Remote I/O R5 Series
R5-NP2/Q MSYSTEM-R5-NP2/Q Datasheet
147Kb / 4P
Remote I/O R5 Series
More results

Similar Description - R5-NP1/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6N-P1 MSYSTEM-R6N-P1 Datasheet
131Kb / 3P
Remote I/O R6 Series PROFIBUS-DP INTERFACE MODULE
R3-NP1 MSYSTEM-R3-NP1 Datasheet
164Kb / 5P
Remote I/O R3 Series PROFIBUS-DP INTERFACE MODULE
R5-NM1 MSYSTEM-R5-NM1 Datasheet
216Kb / 7P
Remote I/O R5 Series MODBUS INTERFACE MODULE
R5-NF1 MSYSTEM-R5-NF1 Datasheet
154Kb / 6P
Remote I/O R5 Series T-Link INTERFACE MODULE
R5-NE1 MSYSTEM-R5-NE1 Datasheet
223Kb / 6P
Remote I/O R5 Series ETHERNET INTERFACE MODULE
R5-ND2 MSYSTEM-R5-ND2 Datasheet
146Kb / 4P
Remote I/O R5 Series DeviceNet INTERFACE MODULE
R5-ND1 MSYSTEM-R5-ND1 Datasheet
169Kb / 6P
Remote I/O R5 Series DeviceNet INTERFACE MODULE
R5-NC2 MSYSTEM-R5-NC2 Datasheet
147Kb / 5P
Remote I/O R5 Series CC-Link INTERFACE MODULE
R5-NC1 MSYSTEM-R5-NC1 Datasheet
161Kb / 6P
Remote I/O R5 Series CC-Link INTERFACE MODULE
R6-NP1 MSYSTEM-R6-NP1 Datasheet
131Kb / 3P
Remote I/O R6 Series PROFIBUS-DP INTERFACE MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com