Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-NP1/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R5-NP1/Q
Description  Remote I/O R5 Series PROFIBUS-DP INTERFACE MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-NP1/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R5-NP1/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5-NP1/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5-NP1/Q Datasheet HTML 3Page - M-System Co.,Ltd. R5-NP1/Q Datasheet HTML 4Page - M-System Co.,Ltd. R5-NP1/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R5-NP1
R5-NP1 SPECIFICATIONS
ES-6107 Rev.7 Page 2/5
http://www.m-system.co.jp/
EXTERNAL VIEW
RUN Indicator LED
ERR Indicator LED
Configuration Jack
Station Address Setting
Rotary SW, lower digit
Network Connector
■ SIDE VIEW
■ FRONT VIEW
1 2 3 4 5 6 7 8
Function
Station Address Setting
Rotary SW, upper digit
6
3 4 5
6
3 4 5
PIN No.
SIGNAL
SIGNIFICANCE
1
NC
Not used
2
NC
Not used
3
B_line
Network, B-line
4
RTS
RTS signal
5
GND
0V
6
P5V
5V
7
NC
Not used
8
A_line
Network, A-line
9
NC
Not used
6
9
1
5
■ PROFIBUS INTERFACE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com