Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G-SC-SHL1-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7G-SC-SHL1-R
Description  Remote I/O R7 Series GATEWAY MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G-SC-SHL1-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7G-SC-SHL1-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G-SC-SHL1-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G-SC-SHL1-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G-SC-SHL1-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G-SC-SHL1-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G-SC-SHL1-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: R7G
R7G SPECIFICATIONS
ES-7817 Rev.3 Page 3/6
http://www.m-system.co.jp/
CONNECTION DIAGRAMS
1. NC
2. NC
3. TXD+
4. TXD–
5. RXD+
6. RXD–
7. NC
8. SLD1
• HLS
Full-duplex communication
• Power supply
• CC-Link
• HLS
Full-duplex communication
No connection
No connection
Network (Slave, transmission +)
Network (Slave, transmission –)
Network (Master, transmission+)
Network (Master, transmission–)
No connection
Shield
TXD–
TXD+
RXD–
RXD+
SLD1
RXD–
RXD+
TXD–
TXD+
RXD–
RXD+
TXD–
TXD+
SLD1
SLD1
Master Module
Slave Module
Slave Module
Terminating Resistor
Terminating Resistor
Terminating Resistor
Terminating Resistor
1. NC
2. NC
3. TR+
4. TR–
5. NC
6. NC
7. NC
8. SLD1
Half-duplex communication
Half-duplex communication
No connection
No connection
Network (+)
Network (–)
No connection
No connection
No connection
Shield
TR+
TR–
SLD1
TR+
TR–
SLD1
TR+
TR–
SLD1
Master Module
Slave Module
Slave Module
Terminating Resistor
Terminating Resistor
12345678
12345678
1. +24V
2. 0V
3. FG
Power Supply (24V DC)
Power Supply (0V)
FG
1. DA
2. DB
3. DG
4. SLD
5. FG
blue
white
yellow
Shield
FG
DA
DB
DG
SLD
FG
Master Module
DA
DB
DG
SLD
FG
Remote Module
DA
DB
DG
SLD
FG
Remote Module
Terminating Resistor
blue
white
yellow
Terminating Resistor
■ Master Module wirng
• CC-Link
1
2
3
1
2
3
4
5
■ POWER SUPPLY AND TRANSMISSION WIRING



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com