Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G-SC-SHL1-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7G-SC-SHL1-R
Description  Remote I/O R7 Series GATEWAY MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G-SC-SHL1-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7G-SC-SHL1-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G-SC-SHL1-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G-SC-SHL1-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G-SC-SHL1-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G-SC-SHL1-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G-SC-SHL1-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: R7G
R7G SPECIFICATIONS
ES-7817 Rev.3 Page 1/6
http://www.m-system.co.jp/
Remote I/O R7 Series
GATEWAY MODULE
MODEL: R7G-SC-S[1]-R[2]
ORDERING INFORMATION
• Code number: R7G-SC-S[1]-R[2]
Specify a code from below for each [1] and [2].
(e.g. R7G-SC-SHL-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
Module type of network 1
S: Slave
Type of network 1
C: CC-Link
Module type of network 2
S: Slave
[1] Type of network 2
HL: HLS (Hi-speedLink System) Full-duplex
HL1: HLS (Hi-speedLink System) Half-duplex
POWER INPUT
DC Power
R: 24 V DC
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
FUNCTIONS & FEATURES
The Gateway Module for CC-Link and HLS (Hi-speedLink
System) connects discrete I/O between the networks each
other. The module hands over 32 point inputs of CC-Link to
32 point outputs of HLS or 32 point inputs of HLS to 32 point
outputs of CC-Link.
CAUTION
In this module, the transmission between CC-Link and HLS is
not synchronized. Therefore, if one of the networks read
the transmitted data before completion of its update by the
other network, the data may be uncertain as 16-bit data. If
the correct 16-bit data is necessary, arrange the host
application program.
Refer to the instruction manual.
GENERAL SPECIFICATIONS
Connection
• Power supply, CC-Link: Screwless spring terminal
Applicable wire size: 0.2 - 1.25 mm2
Stripped length: 10 mm
Recommended solderless terminal
AI0,25-10YE 0.25 mm2 (Phoenix Contact)
AI0,34-10TQ 0.34 mm2 (Phoenix Contact)
AI0,5-10WH 0.5 mm2 (Phoenix Contact)
AI0,75-10GY 0.75 mm2 (Phoenix Contact)
A1-10 1.0 mm2 (Phoenix Contact)
A1,5-10 1.5 mm2 (Phoenix Contact)
• HLS: RJ-45 Connectors
Recommended cable connector:
TM21P-88P (Hirose Electric)
(not included in the package)
Isolation: CC-Link or FG to HLS to power
Station address setting: Rotary switch
(For the detail refer to the instruction manual.)
Transfer rate
• CC-Link Rotary switch
• HLS DIP switch
(For the detail refer to the instruction manual.)
Power LED: Green LED turns on when the power is supplied.
Status indicator LED
• CC-Link: Red LEDs indicate communication status.
• HLS: Green LEDs indicate communication status.
COMMUNICATION
■ HLS COMMUNICATION
Network: Full-duplex or half-duplex
Transmission distance:
• 12 Mbps: 100 meters (328 ft)
• 6 Mbps: 200 meters (656 ft)


Similar Part No. - R7G-SC-SHL1-R

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
R7G-434-075 RFSOLUTIONS-R7G-434-075 Datasheet
76Kb / 7P
FM 433MHz Narrow Band
R7G-434-225 RFSOLUTIONS-R7G-434-225 Datasheet
76Kb / 7P
FM 433MHz Narrow Band
R7G-434-525 RFSOLUTIONS-R7G-434-525 Datasheet
76Kb / 7P
FM 433MHz Narrow Band
More results

Similar Description - R7G-SC-SHL1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7FN-DC8C MSYSTEM-R7FN-DC8C Datasheet
158Kb / 5P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DAC16A MSYSTEM-R7FN-DAC16A Datasheet
162Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7FN-DA16 MSYSTEM-R7FN-DA16 Datasheet
158Kb / 6P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7E MSYSTEM-R7E Datasheet
905Kb / 31P
Remote I/O R7 Series ETHERNET I/O MODULE
R7D MSYSTEM-R7D Datasheet
1Mb / 38P
Remote I/O R7 Series DeviceNet I/O MODULE
R7C MSYSTEM-R7C Datasheet
1Mb / 46P
Remote I/O R7 Series CC-Link I/O MODULE
R7FN-YS2 MSYSTEM-R7FN-YS2 Datasheet
161Kb / 5P
Remote I/O R7 Series FLEX NETWORK I/O MODULE
R7L MSYSTEM-R7L Datasheet
608Kb / 26P
Remote I/O R7 Series LonWorks I/O MODULE
R7M MSYSTEM-R7M Datasheet
1Mb / 39P
Remote I/O R7 Series MODBUS I/O MODULE
R7ML MSYSTEM-R7ML Datasheet
1Mb / 40P
Remote I/O R7 Series MECHATROLINK I/O MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com