Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G-SC-SHL1-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7G-SC-SHL1-R
Description  Remote I/O R7 Series GATEWAY MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G-SC-SHL1-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7G-SC-SHL1-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G-SC-SHL1-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G-SC-SHL1-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G-SC-SHL1-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G-SC-SHL1-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G-SC-SHL1-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: R7G
R7G SPECIFICATIONS
ES-7817 Rev.3 Page 5/6
http://www.m-system.co.jp/
I/O DATA DESCRIPTIONS
0
15
Input 0 (Output 0)
Input 1 (Output 1)
Input 2 (Output 2)
Input 3 (Output 3)
Input 15 (Output 15)
0: OFF
1: ON
Input 7 (Output 7)
Input 8 (Output 8)
DIMENSIONS unit: mm (inch)
115 (4.53)
30 (1.18)
DIN RAIL
35mm wide
53 (2.09)
18 (0.71)
[5 (.20)]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com