Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1406339 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1406339
Description  RJ45 connector - CUC-IND-C1ZNI-T/R4QE8
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1406339 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1406339 Datasheet HTML 1Page - PHOENIX CONTACT 1406339 Datasheet HTML 2Page - PHOENIX CONTACT 1406339 Datasheet HTML 3Page - PHOENIX CONTACT 1406339 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1406339
07/27/2021   Page 3 / 4
RJ45 connector - CUC-IND-C1ZNI-T/R4QE8 - 1406339
Classifications
UNSPSC
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409
UNSPSC 11
39121409
UNSPSC 12.01
39121409
UNSPSC 13.2
39121409
Accessories
Accessories
Electronics pliers
Diagonal cutter - MICROFOX-SP-1 - 1212487
Electronic diagonal cutter, tapered head, without chamfer, with opening spring, non-reflective phosphate-treated
surface, punched version
 
 
Terminal marking
Marker for terminal blocks - TMT 5 R - 0816430
Marker for terminal blocks, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL 2.0, THERMOMARK
ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2, THERMOMARK
S1.1, perforated, mounting type: snap into universal marker groove, snap into flat marker groove, for terminal block
width: 5.2 mm, lettering field size: 6.4 x 5.15 mm, Number of individual labels: 19000
 
 
Stripping tool - VS-CABLE-STRIP-VARIO - 1657407
Stripping tool, for the multi-level stripping of shielded cables
 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com