Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1406339 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1406339
Description  RJ45 connector - CUC-IND-C1ZNI-T/R4QE8
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1406339 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1406339 Datasheet HTML 1Page - PHOENIX CONTACT 1406339 Datasheet HTML 2Page - PHOENIX CONTACT 1406339 Datasheet HTML 3Page - PHOENIX CONTACT 1406339 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1406339
07/27/2021   Page 1 / 4
RJ45 connector - CUC-IND-C1ZNI-T/R4QE8 - 1406339
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
RJ45 connector, degree of protection: IP20, number of positions: 8, material: Zinc die-cast, connection
method: IDC, connection cross section: AWG 26- 24, cable outlet: angled, High degree of resistance to
vibration; 360° shielding; one-piece design; special tool-free assembly
Your advantages
 assembly without special tools
 One-Piece Design
 360° shielding
 High shock and vibration resistance
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356760751
Technical data
Mechanical characteristics
Connection method
IDC
Minimum external conductor diameter
5 mm
Maximum external conductor diameter
9 mm
AWG solid min.
26
AWG solid max.
24
AWG multi-stranded min.
26
AWG multi-stranded max.
24
Cable outlet
angled
No. of cable outlets
1
Weight
32.1 g
Flammability rating according to UL 94
V0
Ambient conditions


Similar Part No. - 1406339

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1406333 PHOENIX-1406333 Datasheet
264Kb / 4P
RJ45 connector - CUC-IND-C1ZNI-S/R4QE8
1406335 PHOENIX-1406335 Datasheet
269Kb / 5P
RJ45 connector - CUC-IND-C1ZNI-S/R4QV6
1406336 PHOENIX-1406336 Datasheet
179Kb / 4P
RJ45 connector - CUC-IND-C1ZNI-B/R4QE8
1406337 PHOENIX-1406337 Datasheet
186Kb / 4P
RJ45 connector - CUC-IND-C1ZNI-B/R4QP8
1406338 PHOENIX-1406338 Datasheet
191Kb / 5P
RJ45 connector - CUC-IND-C1ZNI-B/R4QV6
More results

Similar Description - 1406339

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1421877 PHOENIX-1421877 Datasheet
224Kb / 6P
RJ45 connector - CUC-IND-C1ZNI-T/R4IE8
1406333 PHOENIX-1406333 Datasheet
264Kb / 4P
RJ45 connector - CUC-IND-C1ZNI-S/R4QE8
1406335 PHOENIX-1406335 Datasheet
269Kb / 5P
RJ45 connector - CUC-IND-C1ZNI-S/R4QV6
1406336 PHOENIX-1406336 Datasheet
179Kb / 4P
RJ45 connector - CUC-IND-C1ZNI-B/R4QE8
1406341 PHOENIX-1406341 Datasheet
213Kb / 5P
RJ45 connector - CUC-IND-C1ZNI-T/R4QV6
1406351 PHOENIX-1406351 Datasheet
257Kb / 4P
RJ45 connector - CUC-IND-C1ZNI-S/R4QE8:30
1406354 PHOENIX-1406354 Datasheet
179Kb / 4P
RJ45 connector - CUC-IND-C1ZNI-B/R4QE8:30
1406357 PHOENIX-1406357 Datasheet
201Kb / 4P
RJ45 connector - CUC-IND-C1ZNI-T/R4QE8:30
1406358 PHOENIX-1406358 Datasheet
208Kb / 4P
RJ45 connector - CUC-IND-C1ZNI-T/R4QP8:30
1421128 PHOENIX-1421128 Datasheet
236Kb / 6P
RJ45 connector - CUC-IND-C1ZNI-T/R4IP8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com