Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1406339 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1406339
Description  RJ45 connector - CUC-IND-C1ZNI-T/R4QE8
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1406339 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1406339 Datasheet HTML 1Page - PHOENIX CONTACT 1406339 Datasheet HTML 2Page - PHOENIX CONTACT 1406339 Datasheet HTML 3Page - PHOENIX CONTACT 1406339 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1406339
07/27/2021   Page 2 / 4
RJ45 connector - CUC-IND-C1ZNI-T/R4QE8 - 1406339
Technical data
Ambient conditions
Ambient temperature (operation)
-40 °C ... 70 °C
Material data
Housing material
Zinc die-cast
Electrical characteristics
Number of positions
8
Transmission speed
10 Gbps
Frequency range
to 500 MHz
Standards and Regulations
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50 years
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Dimensional drawing
37,9
13,7
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 9.0
27440101
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002643
ETIM 6.0
EC002636



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com