Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HML3-6-PA1A7-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-PA1A7-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-PA1A7-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7G4HML3-6-PA1A7-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 8Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MODEL: R7G4HML3-6-PA1
R7G4HML3-6-PA1 SPECIFICATIONS
ES-7772-D Rev.0 Page 4/10
http://www.m-system.co.jp/
■ ALARM
PARAMATER
SETTING RANGE
DEFAULT
SETTING
MECHATROLINK-III
command
Valid
Invalid
Invalid
Alarm Type
Not used
Speed high
Speed low
Position high
Position low
Not used
Setpoint A
(position data)
Linear high setpoint:
Min to [Max−1]
Linear low setpoint:
[Min+1] to Max
Ring high setpoint:
0 to 4 294 967 294
Ring low setpoint:
1 to 4 294 967 295
100 000 000
Setpoint B
(position data)
100 000 000
Hysteresis (deadband) A
(position data)
Linear: < [Max – Min]
[Hi Setpoint –
Hysteresis] > Min
[Lo Setpoint +
Hysteresis] < Max
Ring: 0 to 4 294 967 295
[Hi Setpoint –
Hysteresis] > 0
[Lo Setpoint +
Hysteresis] < 4 294 967 295
1 000
Hysteresis (deadband) B
(position data)
1 000
Setpoint A
(speed data)
-15.00 to 115.00 (%)
80.00 (%)
Setpoint B
(speed data)
80.00 (%)
Hysteresis (deadband) A
(speed data)
0.00 to 115.00 (%)
5.00 (%)
Hysteresis (deadband) B
(speed data)
5.00 (%)
Alarm power on delay 0.0 to 60.0 sec.
5.0 sec.
Alarm on delay timer 0.0 to 60.0 sec.
0.1 sec.
Alarm on hold timer
0.0 to 60.0 sec.
0.1 sec.
■ LATCH AND RESET
PARAMETER
SETTING RANGE
DEFAULT
SETTING
External latch
Valid
Invalid
command via
MECHATROLINK-III
Valid
MECHATROLINK-III
latch
Valid
Invalid
Valid
MECHATROLINK-III
latch data clear
Valid
Invalid
Valid
External reset
Valid
Invalid
Valid
MECHATROLINK-III
reset
Valid
Invalid
Valid
MECHATROLINK-III
reset data clear
Valid
Invalid
Valid
Z reset / Z latch*1
Invalid
Z reset valid
Z latch valid*1
z reset valid
*1. Selectable when the firmware version is V1.11 or later.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com