Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HML3-6-PA1A7-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-PA1A7-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-PA1A7-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7G4HML3-6-PA1A7-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 8Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MODEL: R7G4HML3-6-PA1
R7G4HML3-6-PA1 SPECIFICATIONS
ES-7772-D Rev.0 Page 5/10
http://www.m-system.co.jp/
EXTERNAL VIEW
Status Indicator LED
Station Address Setting
Rotary SW
I/O Terminals
Power Supply Terminals
4
5
6
7
1
2
3
10 11 12 13
2
3
4
1
15 16 17 18
7
8
9
6
14
5
PC Configurator Jack
PWR
SA1
×10
SA2
×1
LNK2
CON
LNK1
ERR
LNK1
LNK2
CNFG
MECHATROLINK- III
Connectors
TERMINAL ASSIGNMENTS
■R7G4HML3-6-PA1J (RS-422 LINE DRIVER PULSE INPUT)
14
5
6
+24V1
+24V1 LCH
15
GND
16
17
18
7
8
9
GND GND GND
RST OCA
10
1
2
SNSR
EXC
ー
SNSR
EXC
+ A+
11
A
−
12
13
3
4
B
− Z−
B
+ Z+
OCB
ID
FUNCTION
1
SNSR EXC +
SENSOR EXCITATION +
2
A +
3
B +
4
Z +
5
+ 24V1
6
LCH
LATCH INPUT
7
RST
RESET INPUT
8
OCA
OPEN COLLECTOR OUTPUT A
9
OCB
OPEN COLLECTOR OUTPUT B
10
SNSR EXC –
11
A –
12
B –
13
Z –
14
+ 24V1
24V DC
15
GND
0V
16
GND
0V
17
GND
0V
18
GND
0V
Pin. No.
PHASE A +
PHASE B +
PHASE Z +
24V DC
SENSOR EXCITATION –
PHASE A –
PHASE B –
PHASE Z –



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com