Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HML3-6-PA1A7-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7G4HML3-6-PA1A7-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML3-6-PA1A7-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7G4HML3-6-PA1A7-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 8Page - M-System Co.,Ltd. R7G4HML3-6-PA1A7-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MODEL: R7G4HML3-6-PA1
R7G4HML3-6-PA1 SPECIFICATIONS
ES-7772-D Rev.0 Page 2/10
http://www.m-system.co.jp/
• Alarm type
• External latch
Refer to the instruction manual for detail.
Command: Data type, Latch, Reset, Latch data clear, Reset
data clear, Preset and Alarm output
(For details refer to the instruction manual.)
■Recommended solderless terminal
3.3 (.13) max
mm (inch)
MECHATROLINK-III COMMUNICATION
Baud rate: 100 Mbps
Transmission distance: 6300 m max.
Distance between stations: 100 m max.
Transmission media: MECHATROLINK cable (Model JEPMC-
W6013-x-E, Yaskawa Controls Co., Ltd.)
Connector: TYCO AMP Industrial mini I/O connector
Max. number of slaves: 62
(The maximum number of slaves might change depending
on the master unit. Refer to the manual of the master unit)
Transmission cycle: 125 µsec., 250 µsec., 500 µsec., 1 – 64
msec. (with 1 msec. increments)
Communication cycle: 125 µsec. through 64 msec.
Applicable profile: Standard I/O profile (cyclic
communication)
Event-driven communication acquiring ID profile (event-
driven communication)
Transmission bytes: 16 bytes
Station address: 03H through EFH (set with rotary switches)
Cyclic communication: Available
Event-driven communication: Available
Slave monitoring: None
INPUT SPECIFICATIONS
Sensor Excitation* (External):
24 V DC ± 10 %, ripple 5 %p-p max., 20 mA to 1 A
* Must be supplied since the input circuit also works with it.
When Latch or Reset turns on, its current is added.
Encoder excitation (External source; only for Ax)
A1: 5 V DC ±5 %, ≤ 1 A
A4: 12 V DC ±5 %, ≤ 1 A
A7: 24 V DC ±5 %, ≤ 1 A
■Encoder pulse input
Open collector
Maximum input frequency
∙ Position data: 400 kHz (quad multiplication)
∙ Speed data: 100 kHz
Input pulse, ON/OFF level
∙ 5 V: Approx. 4 V DC @ 4.4 mA, ≥ 3 kΩ / 3.3 V for OFF, ≤
300 Ω / 1 V for ON
∙ 12 V: Approx. 10 V DC @ 5.7 mA, ≥ 3 kΩ / 6.5 V for OFF, ≤
400 Ω / 1.8 V for ON
∙ 24 V: Approx. 22 V DC @ 7.8 mA, ≥ 3 kΩ / 11.5 V for OFF,
≤ 300 Ω / 2 V for ON
Pulse phase: A, B and Z
A and B phases are necessary to work.
Phase A/B
∙ Position data: ≥ 5 μsec.
∙ Speed data: ≥ 5 μsec.
Phase Z
≥ 1 msec. (firmware version 1.10)
≥ 0.5 μsec. (firmware version 1.11 or later)
RS-422 line driver pulse
Position data: 4 MHz (quad multiplication)
Speed data: 100 kHz
Receiver: Conforms to RS-422
Pulse phase: A, B and Z
A and B phases are necessary to work.
Phase A/B
∙ Position data: ≥ 0.5 μsec.
∙ Speed data: ≥ 5 μsec.
Phase Z
≥ 1 msec. (firmware version 1.10)
≥ 0.5 μsec. (firmware version 1.11 or later)
■ Reset input: Discrete input
Number of input: 1
Common: Positive common
Detecting voltage: Supplied sensor excitation voltage
Detecting current: 5.5 mA per channel (@24 V DC)
Detecting levels:
≥ 15 V DC (between +24V1 and RST), ≥ 3.5 mA for ON
≤ 5 V DC (between +24V1 and RST), ≤ 1mA for OFF
Input resistance: Approx. 4.4 kΩ
ON delay time: ≤ 50 μsec.
OFF delay time: ≤ 500 μsec.
Pulse width: ≥ 50 msec.
■ Latch input: Discrete input
Number of input: 1
Common: Positive common
Detecting voltage: Supplied sensor excitation voltage
Detecting current: 5.5 mA per channel (@24 V DC)
Detecting levels:
≥ 15 V DC (between +24 V1 and LCH), ≥ 3.5 mA for ON
≤ 5 V DC (between +24 V1 and LCH), ≤ 1mA for OFF
Input resistance: Approx. 4.4 kΩ
ON delay time: ≤ 10 μsec.
OFF delay time: ≤ 10 μsec.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com