Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HML-6-SVF4-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7G4HML-6-SVF4-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML-6-SVF4-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7G4HML-6-SVF4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MODEL: R7G4HML-6-SVF4
R7G4HML-6-SVF4 SPECIFICATIONS
ES-7775-B Rev.0 Page 4/8
http://www.m-system.co.jp/
■POWER SUPPLY TERMINAL ASSIGNMENT
4
NC
5
6
7
1
2
3
NC
+24V 0V
NC
NC
FE
1. NC
2. NC
3. FE
4. NC
5. NC
6. +24V
7. 0V
-
-
Functional earth
-
-
Power supply (24V DC)
Power supply (0V)
■ MECHATROLINK CONNECTION
SRD
+
SRD
–
SLD
Master
termi-
nator
termi-
nator
*Terminator
Be sure to connect the terminating resistors to the unit at both ends of transmission line.
Use the terminating resistor dedicated for MECHATROLINK: Model JEPMC-W6022, Yaskawa Controls Co., Ltd.
Certain types of Master units may have incorporated terminating resistors. Consult the instruction manual of the Master unit.
SRD
+
SRD
–
SLD
SRD
+
SRD
–
SLD
Slave
SRD
+
SRD
–
SLD
SRD
+
SRD
–
SLD
Slave
SRD
+
SRD
–
SLD
MECHATROLINK
Cable
MECHATROLINK
Cable
*
*
DATA CONVERSION
■ INPUT RANGE AND DATA CONVERSION (FACTORY DEFAULT SETTING)
Analog input data is converted into digital representations of 0 – 100% proportional to each scaled range.
The converted % values are multiplied by 100 and expressed in16 bits.
Overrange input is possible from -15 to +115% of the nominal range.
When the signal exceeds the limit, the data is fixed at -15% or +115%.
• Input Range 0 – 5V DC
Input Value
Input %
Converted Data, Decimal
Converted Data, Hex
≤ -0.75V
-1500
-15%
FA24
0V
0%
0
0
5V
10000
2710
≥ 5.75V
115%
100%
11500
2CEC
11500 (2CEC)
10000 (2710)
-0.75
-1500 (FA24)
5.0
5.75
0
(V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com