Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HML-6-SVF4-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R7G4HML-6-SVF4-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML-6-SVF4-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R7G4HML-6-SVF4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MODEL: R7G4HML-6-SVF4
R7G4HML-6-SVF4 SPECIFICATIONS
ES-7775-B Rev.0 Page 6/8
http://www.m-system.co.jp/
I/O DATA DESCRIPTIONS
Scaling of analog input module is configurable with the configurator software (model: R7CFG). Refer to the software manual for
details.
Data is represented in 16-bit binary. Negative value is represented in 2
’s complements.
0
7
Byte n+1
Byte n
0 7
■ ANALOG INPUT
■ STATUS
Input range error
0: normal, 1: error
ADC error (no response from ADC)
0: normal, 1: error
0
7
Byte16
Byte15
0 7
CH0: Input range error (-15% or less, 115% or more)
CH1: Input range error (-15% or less, 115% or more)
CH2: Input range error (-15% or less, 115% or more)
CH3: Input range error (-15% or less, 115% or more)
CH0: ADC error
CH1: ADC error
CH2: ADC error
CH3: ADC error
Not used (fixed to 0)
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
DIN RAIL
(35 mm wide)
[4 (.16)]
57 (2.24)
36 (1.42)
6
18−M3 SCREW
TERMINALS for INPUT
4
5
6
7
1
2
3
6
7−M3 SCREW
TERMINALS for POWER
10
11 12
13
2
3
4
1
15
16 17
18
7
8
9
6
14
5
2-4.3 dia.
4 deep
130 (5.12)
140 (5.51)
154 (6.06)
(2-.17 dia.
.16 deep)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com