Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7G4HML-6-SVF4-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7G4HML-6-SVF4-R
Description  Remote I/O R7G4H Series MECHATROLINK I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7G4HML-6-SVF4-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7G4HML-6-SVF4-R Datasheet HTML 1Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 2Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 3Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 4Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 5Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 6Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 7Page - M-System Co.,Ltd. R7G4HML-6-SVF4-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MODEL: R7G4HML-6-SVF4
R7G4HML-6-SVF4 SPECIFICATIONS
ES-7775-B Rev.0 Page 5/8
http://www.m-system.co.jp/
RESPONSE TIME
Response time of analog input module is time from when 0 to 100% stepwise signal change is applied to the analog module till
when the communication ASIC of the module (slave) transmits 90 % of input signal.
TCOM: MECHATROLINK-II transmission cycle set at master
(depends on system and configuration)
TI: Delay of input module ≤ Delay of input circuit (Ta) + Conversion time*1 (Tb) + Input internal processing delay time (Tc) (one
transmission cycle)
TINP: Response time of input module ≤ TI + TCOM
*1. Conversion time x Averaging
E.g.: Averaging: 1, MECHATROLINK-II transmission cycle of 0.5 msec.
Delay of input module (TI): Delay of input circuit (1 msec.) + Conversion time (1 msec.) x Averaging (1)
+ Input internal processing delay time (0.5 msec.) = 2.5 [msec.]
Response time of input module (TINP): TI (2.5 msec.) + TCOM (0.5 msec.) = 3.0 [msec.]
TI
TCOM
TINP
INPUT MODULE
MECHATROLINK-II
TRANSMISSION CYCLE
INPUT TO THE
COMMUNICATION ASIC
OF A HOST DEVICE
Tb
Tc
Ta



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com