Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7HL-DAC16B-R Datasheet(PDF) 29 Page - M-System Co.,Ltd.

Part # R7HL-DAC16B-R
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-DAC16B-R Datasheet(HTML) 29 Page - M-System Co.,Ltd.

Back Button R7HL-DAC16B-R Datasheet HTML 25Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 26Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 27Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 28Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 29Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 30Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 31Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 32Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 33Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 29/55
http://www.m-system.co.jp/
CIRCUIT DIAGRAM
Note: In order to improve EMC performance, bond the FG
terminal to ground.
Caution: FG terminal is NOT a protective conductor
terminal.
−
+
−
+
Control
Circuit
1
2
4
5
3
3
FG
1
2
24V DC
0V
3
FG
1
2
24V DC
0V
(TR+)TXD–
SLD
(TR–)TXD+
(NC)RXD–
(NC) RXD+
1
2
4
5
3
(TR+)TXD–
SLD
(TR–)TXD+
(NC)RXD–
(NC)RXD+
1
3
10
11
4
12
13
7
5
14
16
15
8
6
17
19
18
COM
0V
X0
X1
X2
X4
X3
X6
X5
Y0
Y5
X7
Y2
Y1
Y4
Y3
Y7
COM
2
9 Y6
20 +24V
■ Input Circuit
Control
Circuit
6
+24V
Y0
19 Y7
20
10 COM
Control
Circuit
11
1
15
COM
COM
X0
■ Output Circuit
2
X7
Note: Terminal numbers in parentheses are for half-duplex communication model.
HLS (IN)
INPUT
POWER SUPPLY
(IN)
POWER SUPPLY
(OUT)
HLS (OUT)
OUTPUT
Comm.
Circuit
Isolation
Input
Output
1
11
COM
COM
■ I/O Connection Example
PNP Input
2
X0
−
+
15
X7
20
10
+24V
0V
6
Y0
19
Y7
1
11
COM
COM
NPN Input
2
X0
+
–
15
X7
20
10
+24V
0V
6
Y0
19
Y7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com