Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7HL-DAC16B-R Datasheet(PDF) 40 Page - M-System Co.,Ltd.

Part # R7HL-DAC16B-R
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-DAC16B-R Datasheet(HTML) 40 Page - M-System Co.,Ltd.

Back Button R7HL-DAC16B-R Datasheet HTML 36Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 37Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 38Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 39Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 40Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 41Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 42Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 43Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 44Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 40/55
http://www.m-system.co.jp/
TOTALIZED PULSE INPUT MODULE
(4 points, non-isolated)
MODEL: R7HL–PA4E
SPECIFICATIONS
Common: Positive common (NPN) per 4 points
I/O status indicator: Red LED turns on with contact on (Lo
between GND and IN0 through IN3)
Isolation: Input or sensor excitation to HLS to power input
Data allocation: 4
Rated input voltage: 24 V DC ±10 %; ripple 5 %p-p max.
ON voltage / current: ≥ 16 V (input — “+24 V”) / ≥ 7.2 mA
OFF voltage / current: ≤ 6 V (input — “+24 V”) / ≤ 2.5 mA
Input current: 11.2 mA per point at 24 V DC
Input resistance: Approx. 2 kΩ
Max. Frequency: 10 kHz
Min. pulse width requirement: 20 μsec. for both ON and OFF
• Counter
Number of channels: 4
Count range: 0000H to FFFFH (16 bits)
Operating mode: Ring up counter
Max. ring value: FFFFH
Pulse detection: Sink (the output of sensor turns on)
Count reset: LSB of Do area (set per channel)
0: Count up
1: Reset
• Sensor Excitation (External)
Supply voltage: 24 V DC ± 10 % (ripple 5 %p-p max. )
Supply current: 0.4 A per point, 1.6 A per common
OPERATING MODE SETTING
(*) Factory setting
Caution ! - SW1-1 through 1-7 are unused. Be sure to turn
off unused ones.
• Transfer Rate (SW1-8)
SW1-8
Transfer rate
OFF
12Mbps (*)
ON
6Mpbs
TERMINAL ASSIGNMENTS
CH0 CH1 CH2 CH3
4
3
2
1
FUNCTION
Input 0 through 3
IN0 through IN3
GND
GND
ID
No.
NC
No connection
+24V
Sensor excitation
4
3
2
1
CIRCUIT DIAGRAM
Sensor
circuit
IN
n
GND
NC
+24V 1
2
4
3
■ Input Circuit
24V DC
SHIELD
0V
24V DC
0V
Control
Circuit
IN0
GND
NC
+
24V
IN1
GND
NC
+
24V
IN2
GND
NC
+
24V
IN3
GND
NC
+
24V
GND
GND
+
24V
+
24V
1
2
4
3
1
2
4
3
1
2
4
3
1
2
4
3
1
2
4
3
INPUT
CH0
INPUT
CH1
INPUT
CH2
INPUT
CH3
SENSOR
EXCITATION
IN1
GND
NC
+
24V
IN2
GND
NC
+
24V
IN3
GND
NC
+
24V
IN4
GND
NC
+
24V
GND
GND
+
24V
+
24V
1
2
4
3
NPN output 3-wire sensor
NPN output 3-wire sensor
1
2
4
3
1
2
4
3
1
2
4
3
1
2
4
3
1
2
4
3
Sensor
circuit
Input Circuit
•
•
•
•
•
■ 2-Wire Sensor
Detecting Circuit
Comm.
Circuit
5
3
2
1
4
TXD+ (TR+)
TXD– (TR–)
RXD+ (NC)
RXD– (NC)
Isolation
Note: Terminal numbers in parentheses are for half-duplex communication model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com